Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADV3220ACPZ-R7 Datasheet(PDF) 11 Page - Analog Devices

Part # ADV3220ACPZ-R7
Description  800 MHz, 2:1 Analog Multiplexers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3220ACPZ-R7 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV3220ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 12Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 13Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 14Page - Analog Devices ADV3220ACPZ-R7 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
ADV3219/ADV3220
Rev. 0 | Page 11 of 20
5
–5
–4
–3
–2
–1
0
1
2
3
4
1.25
0.75
0.25
–0.25
–0.75
–1.25
010
9
8
7
6
5
4
3
2
1
TIME (ns)
ERROR
INPUT
OUTPUT
Figure 28. ADV3219 Settling Time 2 V Output Step
10
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
10k
1k
100
10
1
FREQUENCY (MHz)
PSR (V+)
PSR (V–)
Figure 29. ADV3219 PSR
200
0
20
40
60
80
100
120
140
160
180
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
Figure 30. ADV3219 Noise vs. Frequency
5
–5
–4
–3
–2
–1
0
1
2
3
4
1.25
0.75
0.25
–0.25
–0.75
–1.25
01
9
8
7
6
5
4
3
2
1
TIME (ns)
0
ERROR
INPUT
OUTPUT
Figure 31. ADV3220 Settling Time 2 V Output Step
10
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0.1
10k
1k
100
10
1
FREQUENCY (MHz)
PSR (V+)
PSR (V–)
Figure 32. ADV3220 PSR
200
0
20
40
60
80
100
120
140
160
180
1k
100M
10M
1M
100k
10k
FREQUENCY (Hz)
Figure 33. ADV3220 Noise vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com