Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS12C887A Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS12C887A
Description  Real-Time Clocks
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS12C887A Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS12C887A Datasheet HTML 1Page - Maxim Integrated Products DS12C887A Datasheet HTML 2Page - Maxim Integrated Products DS12C887A Datasheet HTML 3Page - Maxim Integrated Products DS12C887A Datasheet HTML 4Page - Maxim Integrated Products DS12C887A Datasheet HTML 5Page - Maxim Integrated Products DS12C887A Datasheet HTML 6Page - Maxim Integrated Products DS12C887A Datasheet HTML 7Page - Maxim Integrated Products DS12C887A Datasheet HTML 8Page - Maxim Integrated Products DS12C887A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
Real-Time Clocks
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Pin Relative to Ground .....-0.3V to +6.0V
Operating Temperature Range ...................................................
Commercial (noncondensing) .............................0°C to +70°C
Operating Temperature Range ...................................................
Industrial (noncondensing)...............................-40°C to +85°C
Storage Temperature Range
EDIP ..................................................................-40°C to +85°C
PDIP, SO, PLCC, TQFP ..................................-55°C to +125°C
Lead Temperature (soldering, 10s) .................................+260°C
(Note: EDIP is hand or wave-soldered only.)
Soldering Temperature (reflow)
PDIP, SO, PLCC............................................................+260°C
TQFP .............................................................................+245°C
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.5V to +5.5V, TA = over the operating range, unless otherwise noted.) (Note 2)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 3)
4.5
5.5
V
VBAT Input Voltage
VBAT
(Note 3)
2.5
4.0
V
Input Logic 1
VIH
(Note 3)
2.2
VCC +
0.3
V
Input Logic 0
VIL
(Note 3)
-0.3
+0.8
V
VCC Power-Supply Current
ICC1
(Note 4)
15
mA
VCC Standby Current
ICCS
(Note 5)
mA
Input Leakage
IIL
-1.0
+1.0
µA
I/O Leakage
IOL
(Note 6)
-1.0
+1.0
µA
Input Current
IMOT
(Note 7)
-1.0
+500
µA
Output at 2.4V
IOH
(Note 3)
-1.0
mA
Output at 0.4V
IOL
(Note 3)
4.0
mA
Power-Fail Voltage
VPF
(Note 3)
4.0
4.25
4.5
V
VRT Trip Point
VRTTRIP
1.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com