Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RMG35DP1K Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # RMG35DP1K
Description  RMG35 Power TO-Style Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

RMG35DP1K Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  RMG35DP1K Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. RMG35DP1K Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. RMG35DP1K Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
02 of 03
RMG35 Power TO-Style Resistors
Dimensions (Unit: mm)
Electrical Characteristics Specifications
Power Derating Curve
W
D1
T
T1
T2
C
D
R
M
N
Type
W
H
T
T1
T2
B
B1
C
D
D1
G
R
M
N
RMG35
9.91
~
10.41
14.50
~
15.00
4.06
~
4.82
0.55
~
0.70
2.05
~
2.52
12.70
~
14.70
4.00
4.83
~
5.33
0.70
~
0.86
1.17
~
1.37
2.85
~
3.05
3.55
~
3.75
5.85
~
6.35
1.20
~
1.40
Resistance Range
Resistance Tolerance
TCR(PPM/°C)
0.05Ω~1Ω
±5.00%; ±10.0%
-
>0.1Ω~1Ω
±1.00%; ±5.00%; ±10.0%
-
>1Ω~3Ω
±1.00%; ±5.00%; ±10.0%
±300
>3Ω~10KΩ
±1.00%; ±5.00%; ±10.0%
±100
±200
>10Ω~10KΩ
±0.50%; ±1.00%
±5.00%; ±10.0%
±50
±100
±200
Note: Operating Voltage:350V Max. Dielectric Strength: 1800VAC. Insulation Resistance: 10GΩmin.
Working Temperature Range:-65°C to +150°C . Resistance Value < 1Ω is Available
Case Temperature (°C)
100
80
60
40
20
0
25
50
75
150
125
100
0
175
Derating Curve
Version 2010
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com