Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRCM322522-R10J Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # TRCM322522-R10J
Description  TRCM Chip Wirewound Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRCM322522-R10J Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  TRCM322522-R10J Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRCM322522-R10J Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRCM322522-R10J Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRCM322522-R10J Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRCM322522-R10J Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRCM322522-R10J Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRCM322522-R10J Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
01 of 07
Version 2010
Molded Type Chip Wirewound Inductors - TRCM Series
Chip
Wirewound
Inductors
TRCM Chip Wirewound Inductors
TRCM Series Wirewound Chip Inductors
Preview
Miniaturisation of today’s electrical and electronic devices
requires component manufacturers to increase the
performance of components without increasing footprint.
Token TRCM series utilities wirewound technology that
offers wide Pad inductor with the highest SRF carrying
capability, highest usable frequency range, and the best Q
factor of the narrow pad TREM and TREC series.
The latest wirewound chip inductor TRCM series offers
improved performance in the same compact molded case
size. These series conform to the RoHS directive and
Lead-free. Custom parts are available on request. Token
will also produce devices outside these specifications to
meet specific customer requirements, please contact our sales for more information.
Features :
- High resistance to heat and humidity.
- Resistant to mechanical shocks and pressures.
- Accurate dimensions for automatically surface mounted.
- Good heat durability that withstands lead-free compatible reflow soldering conditions.
Applications :
- Other electronic equipment including HDDs and ODDs.
- Audio-visual equipment including TVs,VCRs and digital cameras.
- Electronic equipment used in onboard automobile equipment including car audio and ECU systems.
- Electronic equipment used in communication infrastructures infrastructures including xDSL and mobile
base stations.
A Brief Introduction to the Product :
SMD Inductors CM322522 and CM453232 series are revolutionary, high reliable wire wound components
for communication, equipment, instruments, video & audio have been developed in response to the trend
toward higher density mounting of inductor parts in electric circuits.
Materials :
- Ferrite DR core, enamelled copper wire, tinned copper flat, epoxy novolac moldind compound
http://www.token.com.tw/
rfq token.com.tw
TOKEN


Similar Part No. - TRCM322522-R10J

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TRC VISHAY-TRC Datasheet
85Kb / 3P
Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
logo
List of Unclassifed Man...
TRC-025S035DS ETC2-TRC-025S035DS Datasheet
770Kb / 3P
25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S035PS ETC2-TRC-025S035PS Datasheet
770Kb / 3P
25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S045DS ETC2-TRC-025S045DS Datasheet
770Kb / 3P
25W Switch Mode LED Drivers Constant Current, Long Life
TRC-025S045PS ETC2-TRC-025S045PS Datasheet
770Kb / 3P
25W Switch Mode LED Drivers Constant Current, Long Life
More results

Similar Description - TRCM322522-R10J

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
Wirewound Chip Inductors
logo
Superworld Electronics
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S Datasheet
279Kb / 7P
WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
WIREWOUND CHIP INDUCTORS
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com