Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRCM322522-R18J Datasheet(PDF) 2 Page - Token Electronics Industry Co., Ltd.

Part # TRCM322522-R18J
Description  TRCM Chip Wirewound Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRCM322522-R18J Datasheet(HTML) 2 Page - Token Electronics Industry Co., Ltd.

  TRCM322522-R18J Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRCM322522-R18J Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRCM322522-R18J Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRCM322522-R18J Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRCM322522-R18J Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRCM322522-R18J Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRCM322522-R18J Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
02 of 07
Version 2010
TRCM Chip Wirewound Inductors
Configurations & Dimensions (Unti: mm)
Reel & Packaging (Unit: mm)
A
XXX
B
D
E
C
G
H
F
Land Pattern
Type
A
B
C
D
E
F
G
H
TRCM322522(1210)
3.2 ± 0.3
2.5 ± 0.2
2.2 ± 0.2
0.4 +0.1
-0
1.9 ± 0.1
3.0
1.0
2.0
TRCM453232(1812)
4.5 ± 0.3
3.2 ± 0.2
3.2 ± 0.2
0.4 -0
+0.1
2.6 ± 0.1
4.0
1.5
3.0
D
P
Adhesive Tape
Cave
Tape
A B
ΦC
2.0±0.5
ΦC
T
N
G
TYPE
A
B
C
D
G
N
T
8mm
178
21.0±0.8
13.0±0.5
8
10 max
50 min
14.4 max
12mm
178
21.0±0.8
13.0±0.5
10
14 max
50 min
14.4 max
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com