Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TRCM322522-R22J Datasheet(PDF) 7 Page - Token Electronics Industry Co., Ltd.

Part # TRCM322522-R22J
Description  TRCM Chip Wirewound Inductors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TRCM322522-R22J Datasheet(HTML) 7 Page - Token Electronics Industry Co., Ltd.

  TRCM322522-R22J Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TRCM322522-R22J Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TRCM322522-R22J Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TRCM322522-R22J Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TRCM322522-R22J Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TRCM322522-R22J Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TRCM322522-R22J Datasheet HTML 7Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
07 of 07
Version 2010
TRCM Chip Wirewound Inductors
Back to 1st Page - Chip Wirewound Inductors (TRCM)
Part Number: TRCM322522, TRCM453232
How to Order
R10
TRCM322522
J
Code
Inductance
R10
0.10μH
1R0
1.00μH
100
10.00×100μH
101
10.00×101μH
102
10.00×102μH
Inductance
Tolerance
Code
Tolerance
J
5%
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com