Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10RA2C3P Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # 10RA2C3P
Description  UPR Extra Precision Network Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

10RA2C3P Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  10RA2C3P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. 10RA2C3P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. 10RA2C3P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
(UPR) Resistance Value 10Ω ~ 5MΩ How to Order
100R
A5
C6
UPR
P
03 of 03
Resistance Value (Ω):
Code
Resistance Tolerance (%)
A2
±0.02%
A5
±0.05%
B
±0.10
Resistance Tolerance (%)
Code
Temperature Coefficient
(ppm/°C)
C3
±25ppm/°C
C5
±15ppm/°C
C6
±10ppm/°C
C7
±5ppm/°C
C9
±3ppm/°C
Temperature Coefficient (ppm/°C)
Package: P (Bulk)
Code
Resistance Value (Ω)
10R
10Ω
100R
100Ω
1K
1KΩ
1K1
1.1KΩ
11K
11KΩ
1M1
1.1MΩ
10M
10MΩ
Part Number: UPR
(UPR) Resistance Value 1KΩ ~ 1MΩ How to Order
1K
A5
C6
UPR
P
Resistance Value (Ω):
Code
Resistance Tolerance (%)
T
±0.01%
A2
±0.02%
A5
±0.05%
B
±0.10%
Resistance Tolerance (%)
Code
Temperature Coefficient
(ppm/°C)
C3
±25ppm/°C
C5
±15ppm/°C
C6
±10ppm/°C
C7
±5ppm/°C
C9
±3ppm/°C
C10
±2ppm/°C
Temperature Coefficient (ppm/°C)
Package: P (Bulk)
Code
Resistance Value (Ω)
1K
1KΩ
1K1
1.1KΩ
11K
11KΩ
110K
110KΩ
1M
1MΩ
Part Number: UPR
Version 2010
Back to 1st Page - Precision Network Resistors (UPR)
UPR Extra Precision Network Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com