Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AU1KFTB Datasheet(PDF) 3 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AU1KFTB
Description  KNP-R Power Wirewound Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AU1KFTB Datasheet(HTML) 3 Page - Token Electronics Industry Co., Ltd.

  KNP-R3AU1KFTB Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. KNP-R3AU1KFTB Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. KNP-R3AU1KFTB Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
How to Order
U
100R
B
KNP-R3A
P
03 of 03
Part Number: KNP-R
Characteristic (°C)
Resistance Value (Ω)
Resistance Tolerance (%)
Code
Resistance Value (Ω)
U
275°C
V
375°C
Code
Resistance Value
0R1
1.0Ω
1R
1Ω
100R
100Ω
1K
1000Ω
Package
Code
Package
TB
Taping Box
P
Bulk
Application Notes
Wire-wound Resistors Application Notes:
● When being used in AC circuits, some wirewound structures give inductance ingredients or parasitic
capacity, so they may cause unusual phenomena such as oscillations etc. Quorum deviations of other com-
ponents should be carefully taken into account for use.
● Application and Placement: Wire wound resistors use different gauges of wire as resistance elements.
Sometimes the gauge is extremely thin (finer than a strand of human hair) and very susceptible to breakage
in environments containing salts, ash, dust and corrosives. Avoid utilization in such environments.
● Do not install in dusty areas because the accumulation will cause shorts and poor conductance.
Code
Resistance Tolerance
B
±0.1%
C
±0.25%
D
±0.5%
F
±1%
G
±2%
H
±3%
J
±5%
Version 2010
KNP-R Power Wirewound Resistors
TOKEN
http://www.token.com.tw/
rfq token.com.tw
Back to 1st Page - Power Precision Wirewound Resistors (KNP-R)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com