Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1KA2C5P Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # 1KA2C5P
Description  UPR Extra Precision Network Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

1KA2C5P Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  1KA2C5P Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. 1KA2C5P Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. 1KA2C5P Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
Version 2010
Preview
Providing design engineers with an economical means of creating precision voltage dividers and set accurate
amplifier gains for a wide range of applications, Token Electronics is offering its series of precision thin-film
resistor networks.
Constructed with Token EE/RE 1/10 series to form a stable, high precision, and low temperature coefficient
network resistors. The networks are protected from moisture by a proprietary passivation material.
Customer can specify Tolerance and Temperature Coefficient range designed to satisfy challenging and specific
technical requirements. The resistance and TCR range makes these resistor networks ideal for a number of
applications, including test and measurement devices, commercial avionics and medical equipment or devices.
Other applications for the networks are instrumentation amplifiers, measurement bridge circuitry, data convertors
and precision analogue circuits.
The thin-film resistor networks also can be designed with custom schematics to meet individual customer
specifications. The networks provide excellent resistor precision and accuracy with resistor tolerances to ±0.01%.
They have TCR values to ±2ppm/°C, providing superior performance over the military temperature range.
UPR Series equate IRC, EBG Precision Devices with fast delivery and more competitive price. For non-standard
technical requirements and special applications, please contact us.
UPR Extra Precision Network Resistors
Ultra Precision Networks Take Accuracy Pole Position
Extra Precision
Network Resistors
Features :
- Precision tolerance tight to T(±0.01%).
- Superior TCR narrowed to C10 (±2 ppm/°C).
- Metal film precision networks, Lead (Pb)-free and RoHS compliant.
- Any value available within resistance range, excellent stability and reliability.
Applications :
- Bridge Circuitry.
- Precision Amplifiers.
- Test and Measurement.
- Medical, Precision Bypass.
- Simulation Equipment, Divider.
- High Precision Instrumentation.
- Audio (High End Stereo Equipment).
- Commercial Avionics, Data Convertors.
UPSC Versus UPR Series :
- UPSC Series have the advantage of compact body size.
- The electric characteristics of UPR and UPSC are the same.
- UPR Series have the advantage of wider resistance range 10Ω~5MΩ.
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - 1KA2C5P

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
1KA LSTD-1KA Datasheet
175Kb / 4P
material safety data sheet
logo
International Rectifier
1KAB-E IRF-1KAB-E Datasheet
64Kb / 3P
1.2 amp rectifier bridge
logo
Vishay Siliconix
1KAB-E VISHAY-1KAB-E Datasheet
87Kb / 4P
Single Phase Rectifier Bridge, 1.2 A
12-Aug-08
1KAB-E VISHAY-1KAB-E Datasheet
96Kb / 5P
Single Phase Rectifier Bridge, 1.2 A
12-Aug-08
1KAB-E VISHAY-1KAB-E_12 Datasheet
96Kb / 5P
Single Phase Rectifier Bridge, 1.2 A
12-Aug-08
More results

Similar Description - 1KA2C5P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN1632A ETC2-RN1632A Datasheet
47Kb / 1P
RN series, RA series, ultra-precision chip network resistors
logo
RFE international
RA12-08X-10K-J RFE-RA12-08X-10K-J Datasheet
98Kb / 1P
NETWORK RESISTORS RA Series: SIP Network
logo
Token Electronics Indus...
UPRND210RA2C7 TOKEN-UPRND210RA2C7 Datasheet
343Kb / 4P
UPRND Network Precision Resistors
UPRNS610RA2C7 TOKEN-UPRNS610RA2C7 Datasheet
324Kb / 4P
UPRNS Network Precision Resistors
UPR10RA2C3P TOKEN-UPR10RA2C3P Datasheet
367Kb / 3P
UPR Extra Precision Network Resistors
UPSC53RA2C3P TOKEN-UPSC53RA2C3P Datasheet
365Kb / 3P
UPSC Extra Precision Network Resistors
logo
HOKURIKU ELECTRIC INDUS...
E011405 HOKURIKU-E011405 Datasheet
94Kb / 3P
Network Chip Resistors
logo
List of Unclassifed Man...
RQL50 ETC-RQL50 Datasheet
715Kb / 1P
RQL50 NETWORK RESISTORS
logo
Welwyn Components Limit...
3812-10TGI WELWYN-3812-10TGI Datasheet
391Kb / 2P
Precision Resistors Precision Resistors
logo
HOKURIKU ELECTRIC INDUS...
NCR104 HOKURIKU-NCR104 Datasheet
94Kb / 3P
Network Chip Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com