Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KNP-R3AVOR1GTB Datasheet(PDF) 1 Page - Token Electronics Industry Co., Ltd.

Part # KNP-R3AVOR1GTB
Description  KNP-R Power Wirewound Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

KNP-R3AVOR1GTB Datasheet(HTML) 1 Page - Token Electronics Industry Co., Ltd.

  KNP-R3AVOR1GTB Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. KNP-R3AVOR1GTB Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. KNP-R3AVOR1GTB Datasheet HTML 3Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
01 of 03
Version 2010
Preview
Token’s highest quality conformal axial terminal ceramic-silicone coated KNP-R power resistors for applications
requiring high stability and precision. The KNP-R wire-wound has a low temperature coefficient and maintain a
high degree of stability under demanding conditions.
The power precision KNP-R series meeting MIL-R-26E (U and V characteristics) and surface temperature (hot
spot) 375°C max. Resistors with a wide range of 0.01Ω ~ 82kΩ, covering applications from precision to power.
Products with lead-free terminations meet EU RoHS and China RoHS requirements.
Characteristics U :
275°C Maximum hot spot temperature. 1% Maximum ΔR in 1000 hours load life.
Characteristics V :
375°C Maximum hot spot temperature. 3% Maximum ΔR in 1000 hours load life.
Operating temperature range is -55°C ~ +375°C and derated power at high ambient temperatures as according
to the chart below. Token is equipped to design and produce custom components to meet many design and
reliability demands. In addition to standard military-grade resistor products, we also have many resistive products
designed to meet various source-controlled drawings.
Contact us with your specific needs.
KNP-R Power Wirewound Resistors
Features
- Excellent load life stability
- High Precision and reliability
- Axial ceramic-silicone coated
- Meets the Standards of MIL-R-26E
- RoHS compliant with 100% lead free
Wirewound Resistors
Boast Consistent Precision Power Operation
Power Precision
Wirewound Resistors
Applications
- Radar, Ground Vehicles
- Communications systems
- Bias supply, Current shunts, Voltage dropping
- Motor speed controls, Voltage divider networks
- Medical instrumentation and Medical implantables
TOKEN
http://www.token.com.tw/
rfq token.com.tw


Similar Part No. - KNP-R3AVOR1GTB

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
KNP-R3AV0R1BP TOKEN-KNP-R3AV0R1BP Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
KNP-R3AV0R1BTB TOKEN-KNP-R3AV0R1BTB Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
KNP-R3AV0R1CP TOKEN-KNP-R3AV0R1CP Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
KNP-R3AV0R1CTB TOKEN-KNP-R3AV0R1CTB Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
KNP-R3AV0R1DP TOKEN-KNP-R3AV0R1DP Datasheet
1Mb / 60P
BWW Precision Wirewound Resistors
More results

Similar Description - KNP-R3AVOR1GTB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RP2W101JB ETC1-RP2W101JB Datasheet
60Kb / 3P
POWER WIREWOUND RESISTORS
KNP050 ETC2-KNP050 Datasheet
132Kb / 1P
Wirewound Resistors
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
WIREWOUND RESISTORS
TSC-5 WILLOW-TSC-5 Datasheet
361Kb / 2P
Tubular Power Wirewound Resistors
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5 Datasheet
289Kb / 2P
Tubular Power Wirewound Resistors
logo
Token Electronics Indus...
KNP-VE3W1RJTB TOKEN-KNP-VE3W1RJTB Datasheet
318Kb / 3P
KNP-VE Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
Wirewound Resistors
30-Mar-12
logo
Riedon Powertron
TSC-5 RIEDON-TSC-5_13 Datasheet
161Kb / 2P
Tubular Power Wirewound Resistors
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
logo
Vishay Siliconix
VNC VISHAY-VNC Datasheet
97Kb / 5P
Vitreous Wirewound Power Resistors
08-Aug-16
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com