Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PB709AS Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 2PB709AS
Description  PNP general purpose transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PB709AS Datasheet(HTML) 4 Page - NXP Semiconductors

  2PB709AS Datasheet HTML 1Page - NXP Semiconductors 2PB709AS Datasheet HTML 2Page - NXP Semiconductors 2PB709AS Datasheet HTML 3Page - NXP Semiconductors 2PB709AS Datasheet HTML 4Page - NXP Semiconductors 2PB709AS Datasheet HTML 5Page - NXP Semiconductors 2PB709AS Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
1999 Apr 23
4
NXP Semiconductors
Product data sheet
PNP general purpose transistor
2PB709A
PACKAGE OUTLINE
UNIT
A1
bp
cD
E
e1
HE
Lp
Qw
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
EIAJ
mm
0.50
0.35
0.26
0.10
3.1
2.7
1.7
1.3
0.95
e
1.9
3.0
2.5
0.33
0.23
0.2
0.2
DIMENSIONS (mm are the original dimensions)
0.6
0.2
SOT346
TO-236
SC-59
bp
D
e1
e
A
A1
Lp
Q
detail X
HE
E
w M
v M A
B
A
B
0
1
2 mm
scale
A
1.3
1.0
0.1
0.013
c
X
12
3
Plastic surface mounted package; 3 leads
SOT346
98-07-17



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com