Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX458 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FCX458
Description  NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX458 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FCX458 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 NPN SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 3 – OCTOBER 1995
FEATURES
*
400 Volt V
CEO
*P
tot= 1 Watt
COMPLEMENTARY TYPE –
FCX558
PARTMARKING DETAIL –
N58
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
400
V
Collector-Emitter Voltage
VCEO
400
V
Emitter-Base Voltage
VEBO
5V
Continuous Collector Current
IC
225
mA
Peak Pulse Current
ICM
500
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C).
PARAMETER
SYMBOL
MIN.
MAX.
UNIT
CONDITIONS.
Breakdown Voltages
V(BR)CBO
400
V
IC=100µA
VCEO(sus)
400
V
IC=10mA*
V(BR)EBO
5V
IE=100µA
Collector Cut-Off Currents
ICBO
100
nA
VCB=320V
ICES
100
nA
VCE=320V
Emitter Cut-Off Current
IEBO
100
nA
VEB=4V
Emitter Saturation Voltages
VCE(sat)
0.2
0.5
V
V
IC=20mA, IB=2mA*
IC=50mA, IB=6mA*
VBE(sat)
0.9
V
IC=50mA, IB=5mA*
Base-Emitter
Turn On Voltage
VBE(on)
0.9
V
IC=50mA, VCE=10V*
Static Forward Current
Transfer Ratio
hFE
100
100
15
300
IC=1mA, VCE=10V
IC=50mA, VCE=10V*
IC=100mA, VCE=10V**
Transition Frequency
fT
50
MHz
IC=10mA, VCE=20V
f=20MHz
Collector-Base
Breakdown Voltage
Cobo
5pF
VCB=20V, f=1MHz
Switching times
ton
toff
135 Typical
2260 Typical
ns
ns
IC=50mA, VC=100V
IB1=5mA, IB2=-10mA
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
Spice parameter data is available upon request for this device
For typical characteristics graphs see FMMT458 datasheet
FCX458
3 - 85
C
B
C
E


Similar Part No. - FCX458

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
NPN Silicon Planar High Voltage Transistor
logo
Diodes Incorporated
FCX458 DIODES-FCX458 Datasheet
29Kb / 1P
SOT89 NPN SILICON PLANAR
OCTOBER 1995
FCX458 DIODES-FCX458 Datasheet
27Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MARCH 1996
FCX458 DIODES-FCX458 Datasheet
25Kb / 2P
SOT89 NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
OCTOBER 1995
FCX458 DIODES-FCX458 Datasheet
499Kb / 7P
400V NPN HIGH VOLTAGE TRANSISTOR
Rev 7
More results

Similar Description - FCX458

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FZT658 ZETEX-FZT658 Datasheet
78Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA42 ZETEX-FZTA42 Datasheet
23Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
MPSA42 ZETEX-MPSA42 Datasheet
39Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
TRANSYS Electronics Lim...
BD115 TEL-BD115 Datasheet
195Kb / 2P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZT658 KEXIN-FZT658 Datasheet
38Kb / 2P
NPN Silicon Planar High Voltage Transistor
FCX458 KEXIN-FCX458 Datasheet
51Kb / 2P
NPN Silicon Planar High Voltage Transistor
FZT955 KEXIN-FZT955 Datasheet
40Kb / 2P
NPN Silicon Planar High Voltage Transistor
logo
Taiwan Semiconductor Co...
TSC966 TSC-TSC966 Datasheet
158Kb / 5P
NPN Silicon Planar High Voltage Transistor
logo
Continental Device Indi...
BD115 CDIL-BD115 Datasheet
240Kb / 3P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Taiwan Semiconductor Co...
TSC966CW TSC-TSC966CW Datasheet
537Kb / 5P
NPN Silicon Planar High Voltage Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com