Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PC4081 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PC4081
Description  NPN general-purpose transistor
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PC4081 Datasheet(HTML) 2 Page - NXP Semiconductors

  2PC4081 Datasheet HTML 1Page - NXP Semiconductors 2PC4081 Datasheet HTML 2Page - NXP Semiconductors 2PC4081 Datasheet HTML 3Page - NXP Semiconductors 2PC4081 Datasheet HTML 4Page - NXP Semiconductors 2PC4081 Datasheet HTML 5Page - NXP Semiconductors 2PC4081 Datasheet HTML 6Page - NXP Semiconductors 2PC4081 Datasheet HTML 7Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2PC4081_6
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 06 — 17 November 2009
2 of 7
NXP Semiconductors
2PC4081
NPN general-purpose transistor
4.
Marking
[1]
* = -: made in Hong Kong
* = t: made in Malaysia
5.
Limiting values
[1]
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
6.
Thermal characteristics
[1]
Transistor mounted on an FR4 printed-circuit board, single-sided copper, tin-plated and standard footprint.
Table 3.
Marking codes
Type number
Marking code[1]
2PC4081Q
Z*Q
2PC4081R
Z*R
2PC4081S
Z*S
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
60
V
VCEO
collector-emitter voltage
open base
-
50
V
VEBO
emitter-base voltage
open collector
-
7
V
IC
collector current (DC)
-
150
mA
ICM
peak collector current
-
200
mA
IBM
peak base current
-
200
mA
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -200
mW
Tstg
storage temperature
−65
+150
°C
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Table 5.
Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Rth(j-a)
thermal resistance from
junction to ambient
[1] --625
K/W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com