Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSR360D00B-D2 Datasheet(PDF) 9 Page - Token Electronics Industry Co., Ltd.

Part # TSR360D00B-D2
Description  One Port Resonators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKEN [Token Electronics Industry Co., Ltd.]
Direct Link  http://www.token.com.tw
Logo TOKEN - Token Electronics Industry Co., Ltd.

TSR360D00B-D2 Datasheet(HTML) 9 Page - Token Electronics Industry Co., Ltd.

  TSR360D00B-D2 Datasheet HTML 1Page - Token Electronics Industry Co., Ltd. TSR360D00B-D2 Datasheet HTML 2Page - Token Electronics Industry Co., Ltd. TSR360D00B-D2 Datasheet HTML 3Page - Token Electronics Industry Co., Ltd. TSR360D00B-D2 Datasheet HTML 4Page - Token Electronics Industry Co., Ltd. TSR360D00B-D2 Datasheet HTML 5Page - Token Electronics Industry Co., Ltd. TSR360D00B-D2 Datasheet HTML 6Page - Token Electronics Industry Co., Ltd. TSR360D00B-D2 Datasheet HTML 7Page - Token Electronics Industry Co., Ltd. TSR360D00B-D2 Datasheet HTML 8Page - Token Electronics Industry Co., Ltd. TSR360D00B-D2 Datasheet HTML 9Page - Token Electronics Industry Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
09 of 09
Version 2010
Saw Resonators (TSR) Series
SAW Resonators Part Type
Center Freq.(MHz)
Code
Center Freq.
224D50
224.5 MHz
306D00
306 MHz
384D05
384.05 MHz
Series No.: None, A, B, C, D
Package: S1, S2, D1, D2, D3
Back to 1st Page - Saw Resonators - TSR
How to Order
224D50
A
TSR
S1
http://www.token.com.tw/
rfq token.com.tw
TOKEN



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com