Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601ART Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 2PD601ART
Description  50 V, 100 mA NPN general-purpose transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD601ART Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 2PD601ART Datasheet HTML 2Page - NXP Semiconductors 2PD601ART Datasheet HTML 3Page - NXP Semiconductors 2PD601ART Datasheet HTML 4Page - NXP Semiconductors 2PD601ART Datasheet HTML 5Page - NXP Semiconductors 2PD601ART Datasheet HTML 6Page - NXP Semiconductors 2PD601ART Datasheet HTML 7Page - NXP Semiconductors 2PD601ART Datasheet HTML 8Page - NXP Semiconductors 2PD601ART Datasheet HTML 9Page - NXP Semiconductors 2PD601ART Datasheet HTML 10Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
NXP Semiconductors
2PD601ART
50 V, 100 mA NPN general-purpose transistor
© NXP B.V. 2007.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 15 March 2007
Document identifier: 2PD601ART_1
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
14. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description. . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data. . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 1
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 2
6
Thermal characteristics. . . . . . . . . . . . . . . . . . . 3
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 4
8
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 6
9
Packing information. . . . . . . . . . . . . . . . . . . . . . 6
10
Soldering . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7
11
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . 8
12
Legal information. . . . . . . . . . . . . . . . . . . . . . . . 9
12.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 9
12.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
12.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
12.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
13
Contact information. . . . . . . . . . . . . . . . . . . . . . 9
14
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com