Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2PD601AR Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 2PD601AR
Description  NPN general purpose transistors; 50 V, 100 mA
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

2PD601AR Datasheet(HTML) 2 Page - NXP Semiconductors

  2PD601AR Datasheet HTML 1Page - NXP Semiconductors 2PD601AR Datasheet HTML 2Page - NXP Semiconductors 2PD601AR Datasheet HTML 3Page - NXP Semiconductors 2PD601AR Datasheet HTML 4Page - NXP Semiconductors 2PD601AR Datasheet HTML 5Page - NXP Semiconductors 2PD601AR Datasheet HTML 6Page - NXP Semiconductors 2PD601AR Datasheet HTML 7Page - NXP Semiconductors 2PD601AR Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2004 Feb 12
2
NXP Semiconductors
Product data sheet
NPN general purpose transistors; 50 V,
100 mA
2PD601A series
FEATURES
• Available in SOT323 (SC-70) and SOT346 (SC-59)
packages
• Available in three different DC current gain versions
(Q, R, S).
APPLICATIONS
• General purpose switching and amplification.
DESCRIPTION
NPN general purpose transistors (see “Simplified outline,
symbol and pinning” for package details).
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MIN.
MAX. UNIT
VCEO
collector-emitter
voltage
−
50
V
IC
collector current (DC)
−
100
mA
hFE
DC current gain
group Q
160
260
group R
210
340
group S
290
460
PRODUCT OVERVIEW
Note
1.
* = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
SIMPLIFIED OUTLINE, SYMBOL AND PINNING
TYPE NUMBER
PACKAGE
MARKING CODE
hFE GROUP
PHILIPS
EIAJ
2PD601AQ
SOT346
SC-59
ZQ
Q
2PD601AR
SOT346
SC-59
ZR
R
2PD601AS
SOT346
SC-59
ZS
S
2PD601AQW
SOT323
SC-70
*6D
Q
2PD601ARW
SOT323
SC-70
*6E
R
2PD601ASW
SOT323
SC-70
*6F
S
TYPE NUMBER
SIMPLIFIED OUTLINE AND SYMBOL
PINNING
PIN
DESCRIPTION
2PD601AQ
1
base
2PD601AR
2
emitter
2PD601AS
3
collector
2PD601AQW
2PD601ARW
2PD601ASW
handbook, halfpage
12
1
3
2
3
MAM321
Top view



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com