Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX596 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FCX596
Description  PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX596 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FCX596 Datasheet HTML 1Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SOT89 PNP SILICON PLANAR
HIGH VOLTAGE TRANSISTOR
ISSUE 3 - NOVEMBER 1995
7
PARTMARKING DETAIL – P96
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-220
V
Collector-Emitter Voltage
VCEO
-200
V
Emitter-Base Voltage
VEBO
-5
V
Peak Pulse Current
ICM
-1
A
Continuous Collector Current
IC
-0.3
A
Base Current
IB
-200
mA
Power Dissipation at Tamb=25°C
Ptot
1W
Operating and Storage Temperature Range
Tj:Tstg
-65 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C).
PARAMETER
SYMBOL MIN.
MAX. UNITCONDITIONS.
Collector-Base Breakdown Voltage
V(BR)CBO -220
V
IC=-100µA
Collector-Emitter Breakdown Voltage
V(BR)CEO -200
V
IC=-10mA*
Emitter-Base Breakdown Voltage
V(BR)EBO -5
V
IE=-100µA
Collector Cut-Off Current
ICBO
-100
nA VCB=-200V
Emitter Cut-Off Current
IEBO
-100
nA VEB=-4V
Collector-Emitter Cut-Off Current
ICES
-100
nA VCES=-200V
Saturation
Voltages
VCE(sat)
-0.2
-0.35
V
V
IC=-100mA,IB=-10mA
IC=-250mA IB=-25mA*
VBE(sat)
-1.0
V
IC=-250mA,IB=-25mA*
Base-Emitter Turn-on Voltage
VBE(on)
-0.9
V
IC=-250mA,VCE=-10V*
Static Forward Current Transfer Ratio hFE
100
100
85
35
300
IC=-1mA, VCE=-10V
IC=-100mA,VCE=-10V*
IC=-250mA,VCE=-10V*
IC=-400mA,VCE=-10V,
Transition Frequency
fT
150
MHz IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
10
pF
VCB=-10V, f=1MHz
*Measured under pulsed conditions. Pulse width=300µs. Duty cycle ≤ 2%
For typical Characteristics graphs see FMMT596 datasheet.
FCX596
3 - 95
D
D
G
S
SOT89


Similar Part No. - FCX596

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX596 ZETEX-FCX596 Datasheet
790Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Diodes Incorporated
FCX596 DIODES-FCX596 Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE
November 2006
logo
Fairchild Semiconductor
FCX596 FAIRCHILD-FCX596 Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX596TA FAIRCHILD-FCX596TA Datasheet
711Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Zetex Semiconductors
FCX596 ZETEX-FCX596_06 Datasheet
790Kb / 1P
SOT89 PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
More results

Similar Description - FCX596

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
BF621 ZETEX-BF621 Datasheet
34Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
BST16 ZETEX-BST16 Datasheet
12Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT560 ZETEX-FMMT560 Datasheet
42Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT593 ZETEX-FMMT593 Datasheet
124Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FMMT6520 ZETEX-FMMT6520 Datasheet
49Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZT757 ZETEX-FZT757 Datasheet
90Kb / 2P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FZTA92 ZETEX-FZTA92 Datasheet
23Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
SXTA92 ZETEX-SXTA92 Datasheet
20Kb / 1P
PNP SILICON PLANAR HIGH VOLTAGE TRANSISTOR
logo
Guangdong Kexin Industr...
FZTA92 KEXIN-FZTA92 Datasheet
35Kb / 1P
PNP Silicon Planar High Voltage Transistor
logo
Taiwan Semiconductor Co...
TSA894 TSC-TSA894 Datasheet
196Kb / 4P
PNP Silicon Planar High Voltage Transistor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com