Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX705 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # FCX705
Description  120V NPN SILICON HIGH VOLTAGE DARLINGTON TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX705 Datasheet(HTML) 4 Page - Zetex Semiconductors

  FCX705 Datasheet HTML 1Page - Zetex Semiconductors FCX705 Datasheet HTML 2Page - Zetex Semiconductors FCX705 Datasheet HTML 3Page - Zetex Semiconductors FCX705 Datasheet HTML 4Page - Zetex Semiconductors FCX705 Datasheet HTML 5Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
ISSUE 2 - AUGUST 2001
FCX705
NPN TYPICAL CHARACTERISTICS
4
0.01
0.1
20
110
VCE(sat) vIC
IC - Collector Current (Amps)
VCE - Collector Voltage (Volts)
Safe Operating Area
100
110
0.1
1
10
Single Pulse Test at Tamb=25°C
D.C.
1s
100ms
10ms
1.0ms
0.1ms
0.001
0.01
0.1
20
1
10
10k
8k
6k
4k
0
2k
16k
14k
12k
+100°C
+25°C
-55°C
IC - Collector Current (Amps)
hFE vIC
VCE=-5V
0.001
0.01
0.1
20
110
-55°C
+25°C
+100°C
+175°C
IC - Collector Current (Amps)
VBE(sat) vIC
IC/IB=1000
0.001
0.01
0.1
20
110
0.8
0.6
1.8
2.4
2.2
2.0
-55°C
+25°C
+100°C
IC - Collector Current (Amps)
VBE(on) vIC
VCE=-5V
0.001
1.0
0.8
0.6
0.4
1.6
1.4
1.2
1.8
1.0
0.8
0.6
0.4
1.6
1.4
1.2
1.8
1.0
1.6
1.4
1.2
ZTX704
ZTX705
1000
IC/IB=1000
-55°C
+25°C
+100°C
+175°C
0.2
0.2



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com