Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX718 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FCX718
Description  PNP SILICON POWER (SWITCHING) TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FCX718 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FCX718 Datasheet HTML 1Page - Zetex Semiconductors FCX718 Datasheet HTML 2Page - Zetex Semiconductors FCX718 Datasheet HTML 3Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (at Tamb = 25°C unless otherwise stated).
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
CONDITIONS.
Collector-Base
Breakdown Voltage
V(BR)CBO
-20
-65
V
IC=-100µA
Collector-Emitter
Breakdown Voltage
V(BR)CEO
-20
-55
V
IC=-10mA*
Emitter-Base
Breakdown Voltage
V(BR)EBO
-5
-8.8
V
IE=-100µA
Collector Cut-Off
Current
ICBO
-100
nA
VCB=-15V
Emitter Cut-Off Current
IEBO
-100
nA
VEB=-4V
Collector Emitter
Cut-Off Current
ICES
-100
nA
VCES=-15V
Collector-Emitter
Saturation Voltage
VCE(sat)
-16
-130
-145
-40
-200
-220
-300
mV
mV
mV
mV
IC=-0.1A, IB=-10mA*
IC=-1A, IB=-20mA*
IC=-1.5A, IB=-50mA*
IC=-2.5A, IB=-200mA*
Base-Emitter
Saturation Voltage
VBE(sat)
-0.98
-1.1
V
IC=-2.5A, IB=-200mA*
Base-Emitter Turn-On
Voltage
VBE(on)
-0.85
-0.95
V
IC=-2.5A, VCE=-2V*
Static Forward Current
Transfer
Ratio
hFE
300
300
150
35
15
475
450
230
70
30
IC=-10mA, VCE=-2V*
IC=-0.1A, VCE=-2V*
IC=-2A, VCE=-2V*
IC=-4A, VCE=-2V*
IC=-6A, VCE=-2V*
Transition
Frequency
fT
150
180
MHz
IC=-50mA, VCE=-10V
f=100MHz
Output Capacitance
Cobo
21
30
pF
VCB=-10V, f=1MHz
Turn-On Time
t(on)
40
ns
VCC=-15V, IC=-0.75A
IB1=IB2=15mA
Turn-Off Time
t(off)
670
ns
*Measured under pulsed conditions. Pulse width=300
µs. Duty cycle ≤ 2%
FCX718



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com