Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLLD261 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # FLLD261
Description  SILICON PLANAR LOW LEAKAGE SERIES DIODE PAIR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FLLD261 Datasheet(HTML) 1 Page - Zetex Semiconductors

  FLLD261 Datasheet HTML 1Page - Zetex Semiconductors FLLD261 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SOT23 SILICON PLANAR LOW LEAKAGE
SERIES DIODE PAIR
ISSUE 2 – SEPTEMBER 1995 7
PART MARKING DETAIL – P8A
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive Peak Reverse Voltage
VRRM
100
V
Average Rectified Forward Current
IF(AV)
250
mA
Non-Repetitive Peak Forward Current (t=1µs) IFSM
3.0
A
Power Dissipation at Tamb = 25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX.
UNIT CONDITIONS.
Reverse Current
IR
5
5
nA
µ
A
VRRM=100V
VRRM=100V, Tamb=150°C
Reverse Recovery Time*
trr
400
ns
IF= IR=50 – 400mA
Forward Recovery Time
tfr
10
ns
IF=10mA
Diode Capacitance
Cd
4pF
VR=1V, f=1MHz
Forward Overshoot Voltage Vfr
Typ
0.9
V
IF=10mA,
Rise time=5ns ±20%
Forward Voltage
VF
1.4
V
IF=-200mA
*Time for IR to recover to 10% of IR peak
For typical characteristics graphs see FLLD263 datasheet.
SOT23
FLLD261
DIODE PIN CONNECTION
1
2
3
1
3
2
3 - 97


Similar Part No. - FLLD261

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FLLD261 FAIRCHILD-FLLD261 Datasheet
51Kb / 5P
HIGH CONDUCTANCE LOW LEAKAGE DIODE
logo
List of Unclassifed Man...
FLLD261 ETC2-FLLD261 Datasheet
116Kb / 2P
SOT23 SILICON PLANAR LOW LEAKAGE SERIES DIODE PAIR
logo
ON Semiconductor
FLLD261 ONSEMI-FLLD261 Datasheet
152Kb / 7P
HIGH CONDUCTANCE LOW LEAKAGE DIODE
logo
List of Unclassifed Man...
FLLD261TA ETC2-FLLD261TA Datasheet
116Kb / 2P
SOT23 SILICON PLANAR LOW LEAKAGE SERIES DIODE PAIR
More results

Similar Description - FLLD261

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FLLD258 ZETEX-FLLD258 Datasheet
111Kb / 2P
SILICON PLANAR LOW LEAKAGE COMMON CATHODE DIODE PAIR
FLLD263 ZETEX-FLLD263 Datasheet
77Kb / 2P
SILICON PLANAR LOW LEAKAGE COMMON ANODE DIODE PAIR
logo
Central Semiconductor C...
CMHD3595 CENTRAL-CMHD3595 Datasheet
52Kb / 2P
LOW LEAKAGE SILICON DIODE
logo
Infineon Technologies A...
BAW156 INFINEON-BAW156_07 Datasheet
73Kb / 6P
Silicon Low Leakage Diode
2007-04-20
logo
New Jersey Semi-Conduct...
1N458 NJSEMI-1N458 Datasheet
101Kb / 2P
LOW LEAKAGE DIFFUSED SILICON PLANAR DIODE
1N459 NJSEMI-1N459 Datasheet
88Kb / 1P
LOW LEAKAGE DIFFUSED SILICON PLANAR DIODE
1N3595 NJSEMI-1N3595 Datasheet
113Kb / 1P
low leakage planar diode.
logo
List of Unclassifed Man...
FLLD261TA ETC2-FLLD261TA Datasheet
116Kb / 2P
SOT23 SILICON PLANAR LOW LEAKAGE SERIES DIODE PAIR
logo
Central Semiconductor C...
1N3595 CENTRAL-1N3595 Datasheet
80Kb / 2P
SILICON LOW LEAKAGE DIODE
CDH300 CENTRAL-CDH300_15 Datasheet
72Kb / 1P
Silicon Low Leakage Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com