Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FLLD263 Datasheet(PDF) 2 Page - Zetex Semiconductors

Part # FLLD263
Description  SILICON PLANAR LOW LEAKAGE COMMON ANODE DIODE PAIR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

FLLD263 Datasheet(HTML) 2 Page - Zetex Semiconductors

  FLLD263 Datasheet HTML 1Page - Zetex Semiconductors FLLD263 Datasheet HTML 2Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SOT23 SILICON PLANAR LOW LEAKAGE
COMMON ANODE DIODE PAIR
ISSUE 2 – JANUARY 1996
7
PART MARKING DETAIL – D63
ABSOLUTE MAXIMUM RATINGS.
PARAMETER
SYMBOL
VALUE
UNIT
Repetitive Peak Reverse Voltage
VRRM
100
V
Average Rectified Forward Current
IF(AV)
250
mA
Non-Repetitive Peak Forward Current (t=1µs) IFSM
3.0
A
Power Dissipation at Tamb = 25°C
Ptot
330
mW
Operating and Storage Temperature Range
Tj:Tstg
-55 to +150
°C
ELECTRICAL CHARACTERISTICS (at Tamb= 25°C unless otherwise stated).
PARAMETER
SYMBOL MIN.
MAX.
UNIT CONDITIONS.
Reverse Current
IR
5
5
nA
µ
A
VRRM=100V
VRRM=100V, Tamb=150°C
Reverse Recovery Time*
trr
400
ns
IF= IR=50 – 400mA
Forward Recovery Time
tfr
10
ns
IF=10mA
Diode Capacitance
Cd
4pF
VR=1V, f=1MHz
Forward Overshoot Voltage Vfr
Typ
0.9
V
IF=10mA,
Rise time=5ns ±20%
Forward Voltage
VF
1.4
V
IF=-200mA
*Time for IR to recover to 10% of IR peak
SOT23
FLLD263
DIODE PIN CONNECTION
1
23
1
3
2
FLLD258
FLLD261
FLLD263
3 - 98
3 - 99
0100
VF - Forward Voltage (V)
IR v VF
0
25
80
60
40
20
5
10
15
20
TYPICAL CHARACTERISTICS



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com