Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPP Datasheet(PDF) 2 Page - Ferroxcube International Holding B.V.

Part # MPP
Description  Material specification
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

MPP Datasheet(HTML) 2 Page - Ferroxcube International Holding B.V.

  MPP Datasheet HTML 1Page - Ferroxcube International Holding B.V. MPP Datasheet HTML 2Page - Ferroxcube International Holding B.V. MPP Datasheet HTML 3Page - Ferroxcube International Holding B.V. MPP Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2008 Sep 01
70
Ferroxcube
Material specification
MPP
MPP SPECIFICATIONS
A medium frequency alloy powder material with the
lowest loss density for use in power inductors and
output chokes.
CONDITIONS
VALUE
UNIT
µi
25
°C; ≤10 kHz;
0.25 mT
14
− 300
TC
≥ 460
°C
thermal
conductivity
0.08
W.mm-1.K-1
linear
expansion
coefficient
12.9 x 10-6 K-1
density for
125
µ
≈ 8700
kg/m3
µ's
0
50
100
150
200
250
300
350
100
10
1
1000
f (kHz)
MFP201
MPP
160
µ
14
µ
26
µ
60
µ
125
µ
300
µ
200
µ
Fig.1
Initial permeability as a
function of frequency.
∆µi
(%)
MFP202
T ( C)
o
4
0
2
0
−40
160
120
80
40
200
−1
1
3
300
µ
14
µ
200
µ
300
µ
160
µ
14
µ
26
µ
60
µ
125
µ
MPP
Fig.2
Initial permeability as a
function of temperature.
B
(mT)
MFP203
H (A/m)
MPP
100
0
200
400
600
800
500
300
100
10
1
0.1
14
µ
26
µ
60
µ
125
µ
700
300
µ
200
µ
160
µ
173
µ
147
µ
Fig.3 Typical B-H curves.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com