Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTS23-3C91 Datasheet(PDF) 3 Page - Ferroxcube International Holding B.V.

Part # PTS23-3C91
Description  PT, PTS, PTS/I cores and accessories
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERROXCUBE [Ferroxcube International Holding B.V.]
Direct Link  http://www.ferroxcube.com
Logo FERROXCUBE - Ferroxcube International Holding B.V.

PTS23-3C91 Datasheet(HTML) 3 Page - Ferroxcube International Holding B.V.

  PTS23-3C91 Datasheet HTML 1Page - Ferroxcube International Holding B.V. PTS23-3C91 Datasheet HTML 2Page - Ferroxcube International Holding B.V. PTS23-3C91 Datasheet HTML 3Page - Ferroxcube International Holding B.V. PTS23-3C91 Datasheet HTML 4Page - Ferroxcube International Holding B.V.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2008 Sep 01
1062
Ferroxcube
PT, PTS, PTS/I cores and accessories
PTS23/11
(2311THS)
Core sets of high permeability grades
Clamping force for AL measurements, 30
±10 N.
Properties of core sets under power conditions
Note
1.
Measured at 60
°C.
BOBBINS AND ACCESSORIES
Coil formers, winding data and mounting parts are equal to those of “PT23/11”, but “area product” is different.
Winding data and area product (for PTS23/11) for 10-pins PT23/11 coil former
GRADE
AL
(nH)
µe
AIR GAP
(
µm)
TYPE NUMBER
3E27
7250
±25%
≈ 3190
≈ 0
PTS23/11-3E27
GRADE
B (mT) at
CORE LOSS (W) at
H = 250 A/m;
f = 25 kHz;
T=100
°C
f = 25 kHz;
= 200 mT;
T = 100
°C
f = 100 kHz;
=100 mT;
T = 100
°C
f = 100 kHz;
= 200 mT;
T = 100
°C
f= 400 kHz;
=50mT;
T = 100
°C
3C81
≥320
≤ 0.37
−−
−
3C91
≥320
−≤ 0.09(1)
≤ 0.7(1)
−
3F3
≥315
−≤ 0.2
−≤ 0.35
NUMBER OF
SECTIONS
MINIMUM
WINDING
AREA
(mm2)
NOMINAL
WINDING
WIDTH
(mm)
AVERAGE
LENGTH OF
TURN
(mm)
AREA
PRODUCT
Ae x Aw
(mm4)
TYPE NUMBER
1
15.1
5.2
45.2
864
CPV-PT23/11-1S-10P
B
ˆ
B
ˆ
B
ˆ
B
ˆ



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com