Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHT75 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SHT75
Description  Humidity and Temperature Sensor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SHT75 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SHT75 Datasheet HTML 1Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 2Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 3Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 4Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 5Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 6Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 7Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 8Page - List of Unclassifed Manufacturers SHT75 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Version 4.1 – July 2008
Datasheet SHT7x (SHT71, SHT75)
Humidity and Temperature Sensor
• Fully calibrated
• Digital output
• Low power consumption
• Excellent long term stability
• Pin type package – easy integration
Dimensions
Figure 1: Drawing of SHT7x (applies to SHT71 and SHT75)
sensor packaging, dimensions in mm (1mm = 0.039inch).
Contact assignment: 1: SCK, 2: VDD, 3: GND, 4: DATA.
Hatched item on backside of PCB is a 100nF capacitor – see
Section 2.1 for more information.
Sensor Chip
SHT7x V4 – for which this datasheet applies – features a
version 4 Silicon sensor chip. Besides a humidity and a
temperature sensor the chip contains an amplifier, A/D
converter, OTP memory and a digital interface. V4 sensors
can be identified by the alpha-numeric traceability code on
the sensor cap – see example “B2G” code on Figure 1.
Material Contents
While the sensor is made of a CMOS chip the sensor
housing consists of an LCP cap with epoxy glob top on an
FR4 substrate. Pins are made of a Cu/Be alloy coated with
Ni and Au. The device is fully RoHS and WEEE compliant,
thus it is free of Pb, Cd, Hg, Cr(6+), PBB and PBDE.
Evaluation Kits
For sensor trial measurements, for qualification of the
sensor or even experimental application of the sensor
there is an evaluation kit EK-H2 available including sensor,
hard and software to interface with a computer.
For more sophisticated and demanding measurements a
multi port evaluation kit EK-H3 is available which allows for
parallel application of up to 20 sensors.
3.1
2.2
0.6
2.0
0.2
3.7
1.2
0.46
1.27
5.08
71
B2G
1 2 3 4
Product Summary
SHT7x (including SHT71 and SHT75) is Sensirion’s family
of relative humidity and temperature sensors with pins.
The sensors integrate sensor elements plus signal
processing in compact format and provide a fully
calibrated digital output. A unique capacitive sensor
element is used for measuring relative humidity while
temperature is measured by a band-gap sensor. The
applied CMOSens® technology guarantees excellent
reliability and long term stability. Both sensors are
seamlessly coupled to a 14bit analog to digital converter
and a serial interface circuit. This results in superior signal
quality, a fast response time and insensitivity to external
disturbances (EMC).
Each SHT7x is individually calibrated in a precision
humidity chamber. The calibration coefficients are
programmed into an OTP memory on the chip. These
coefficients are used to internally calibrate the signals
from the sensors. The 2-wire serial interface and internal
voltage regulation allows for easy and fast system
integration. The small size and low power consumption
makes SHT7x the ultimate choice for even the most
demanding applications.
SHT7x is supplied on FR4 with pins which allows for easy
integration or replacement. The same sensor is also
available surface mountable packaging (SHT1x) or on flex
print (SHTA1).


Similar Part No. - SHT75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SHT75 ETC-SHT75 Datasheet
840Kb / 9P
Humidity & Temperature Sensor
SHT75 ETC1-SHT75 Datasheet
530Kb / 9P
Humidity & Temperature Sensor
More results

Similar Description - SHT75

ManufacturerPart #DatasheetDescription
logo
Sensitron
SHT21 SENSITRON-SHT21 Datasheet
493Kb / 12P
Humidity and Temperature Sensor
logo
List of Unclassifed Man...
SHT25 ETC2-SHT25 Datasheet
426Kb / 12P
Humidity and Temperature Sensor
SHT20S ETC2-SHT20S Datasheet
443Kb / 10P
Humidity and Temperature Sensor IC
SHT21 ETC2-SHT21_15 Datasheet
454Kb / 14P
Humidity and Temperature Sensor IC
logo
Silicon Laboratories
SI7020-A20 SILABS-SI7020-A20 Datasheet
533Kb / 36P
IC HUMIDITY AND TEMPERATURE SENSOR
logo
List of Unclassifed Man...
AM2320 ETC2-AM2320 Datasheet
1Mb / 27P
Digital Temperature and Humidity Sensor
logo
HOPE Microelectronics C...
TH08 HOPE-TH08 Datasheet
529Kb / 21P
HUMIDITY AND TEMPERATURE SENSOR
logo
JOY-IT
KY-015 JOY-IT-KY-015 Datasheet
666Kb / 7P
Temperature and humidity sensor
logo
Sensirion AG Switzerlan...
SHT85 SENSIRION-SHT85 Datasheet
1Mb / 23P
Humidity and Temperature Sensor
Version 3
logo
Silicon Laboratories
SI7021-A20-IM SILABS-SI7021-A20-IM Datasheet
1Mb / 36P
2C HUMIDITY AND TEMPERATURE SENSOR
Rev. 1.2 8/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com