Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL-194S-HB8-R Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # CL-194S-HB8-R
Description  Mono-Color Upward-Lighting Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

CL-194S-HB8-R Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  CL-194S-HB8-R Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
40
● ● ● ● ● ● ● ● ● ●
上面発光・単色タイプ
CL-194S(R タイプ)シリーズ 
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
●外形寸法図/Outline drawing
単位/Unit : mm
■ 諸特性/Characteristics
1.6(L)
×0.8(W)
×0.3(H)
mm
● 小型・薄型の広指向性青色LEDです。
● Compact, thin, and wide-directivity blue LED
●絶対最大定格/Absolute Maximum Rating
(Ta 25℃)
Pd
IF
IFP
VR
Top
Tst
Series
(mW)
(mA)
(mA)
(V)
(℃)
(℃)
CL-194S(R type)
35
10
100※1
4−25∼+80
−30∼+85
※1
IFPの条件はduty 1/10 、パルス巾30msecです。
※1
Condition for IFP is pulse of 1/10 duty and 30msec width.
Product code
Lighting color
VF
λ
P
Δλ
IV※
IF
typ
max
typ
typ
IF
min
typ
(mA)
(V)
(V)
(nm)
(nm)
(mA) (mcd) (mcd)
●電気的光学的特性/Electro-optical Characteristics
(Ta 25℃)
CL-194S(R type)-HB8-R
Blue
5
2.9
3.15
470
26
5
45
65
※NIST規格に準拠
※Per NIST standards
基板
/P.C.board
(0.4)
(0.35)
0.8
0.3
(0.13)
樹脂
/Resin
極性/Polarity
カソードマーク
/Cathode mark
はんだ付け電極
/Soldering terminal
LED素子/LED die
カソードマーク
/Cathode mark
(2-R0.1)
リフローはんだ用
For reflow soldering
0.8
0.7
0.8
VF(V)
1
5
10
50
20
100
IF-VF 特性
IF-VF Characteristics
2.8
3.2
3.6
T a (¡C)
2.8
3.0
3.2
3.4
3.6
3.8
VF-Ta 特性
VF-Ta Characteristics
-20
0
20
40
60
80
100
IF=5mA
0
5
10
15
20
25
30
IF
max-Ta 特性
IFmax-Ta Characteristics
T a (¡C)
-20
0
20
40
60
80
100
120
20
40
60
80
100
50¡
60¡
70¡
80¡
90¡
40¡
30¡
20¡
10¡
0¡
10¡
20¡
30¡
40¡
指向特性
Directive Characteristics
0
50¡
60¡
70¡
80¡
90¡
Ta(¡C)
Iv-Ta 特性
Iv-Ta Characteristics
1
50
100
1000
-20
0
20
40
60
80
100
Mono-Color Upward-Lighting Type
CL-194S(R type) Series


Similar Part No. - CL-194S-HB8-R

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-194S-HB8-R CITIZEN-CL-194S-HB8-R Datasheet
92Kb / 2P
Uitra-Brightness Blue or Green LED HB8, HG8
More results

Similar Description - CL-194S-HB8-R

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
CL-190 CITIZEN-CL-190 Datasheet
502Kb / 1P
Mono-Color Upward-Lighting Type
CL-191 CITIZEN-CL-191 Datasheet
504Kb / 1P
Mono-Color Upward-Lighting Type
CL-195 CITIZEN-CL-195 Datasheet
503Kb / 1P
Mono-Color Upward-Lighting Type
CL-196 CITIZEN-CL-196 Datasheet
505Kb / 1P
Mono-Color Upward-Lighting Type
CL-197 CITIZEN-CL-197 Datasheet
454Kb / 1P
Mono-Color Upward-Lighting Type
CL-198S CITIZEN-CL-198S Datasheet
388Kb / 1P
Mono-Color Upward-Lighting Type
CL-260 CITIZEN-CL-260 Datasheet
508Kb / 1P
Mono-Color Upward-Lighting Type
CL-282S CITIZEN-CL-282S Datasheet
387Kb / 1P
Mono-Color Upward-Lighting Type
CL-198T CITIZEN-CL-198T_12 Datasheet
79Kb / 1P
Mono-Color Upward-Lighting Type
CL-198N CITIZEN-CL-198N Datasheet
84Kb / 1P
Mono-Color Upward-Lighting Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com