Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAV16W Datasheet(PDF) 2 Page - Diotech Company.

Part # BAV16W
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

BAV16W Datasheet(HTML) 2 Page - Diotech Company.

  BAV16W Datasheet HTML 1Page - Diotech Company. BAV16W Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1N4148W / BAV16W
RATINGS AND CHARACTERISTIC CURVES
FIG.1- FORWARD CHARACTERISTICS
FIG.2- LEAKAGE CURRENT VS
JUNCTION TEMPERATURE
V , INSTANTANEOUS FORWARD VOLTAGE (V)
F
T, JUNCTION TEMPERATURE ( C)
j
O
FIG.3- ADMISSIBLE POWER DISSIPATION
VS AMBIENT TEMPERATURE
0
0
0
0
0
Tamb
mw
Pd
100
200 C
O
50
100
200
300
400
500
V =20V
R
100
200
10
100
1000
10,000
0.01
1
2
0.1
1.0
10
100
1000



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com