Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1SS400 Datasheet(PDF) 2 Page - Diotech Company.

Part # 1SS400
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

1SS400 Datasheet(HTML) 2 Page - Diotech Company.

  1SS400 Datasheet HTML 1Page - Diotech Company. 1SS400 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1SS400
RATINGS AND CHARACTERISTIC CURVES
+ 1 0 V
5 0 Ω O u tpu t
P u ls e
G e n e r a t o r
5 0 Ω In p u t
S a m p lin g
O sc illo s c o p e
DU T
?
8 2 0 Ω
2 .0 k Ω
0 .1 µ F
I
F
1 0 0 µ H
0 . 1 µ F
+ 1 0 V
5 0 Ω O u tpu t
P u ls e
G e n e r a t o r
5 0 Ω In p u t
S a m p lin g
O sc illo s c o p e
DU T
?
8 2 0 Ω
2 .0 k Ω
0 .1 µ F
I
F
1 0 0 µ H
0 . 1 µ F
Notes: 1. A 2.0kΩ variable resistor adjusted for a forward current (IF) to 10mA
2. Input pulse is adjusted to IR(peak) is equal to 10mA
Figure 1. REVERSE RECOVERY TIME EQUIVALENT TEST CIRCUIT
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
Reverse Voltage, V R (V)
0.1
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
Forward Voltage, V
F (V)
T
J = 25 °C
T
J = 75 °C
T
J = -25 °C
T
J = 150 °C
0.001
0.010
0.100
1.000
10.000
0
20
40
60
80
Reverse Voltage, V
R (V)
T
J = 25 °C
T
J = 75 °C
T
J = 150 °C
Fig. 3. Typical Reverse Characteristics
Fig. 2. Typical Forward Characteristics
Fig. 4. Typical Capacitance



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com