Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF206 Datasheet(PDF) 1 Page - Diotech Company.

Part # DF206
Description  GLASS PASSIVATED BRIDGE RECTIFIERS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

DF206 Datasheet(HTML) 1 Page - Diotech Company.

  DF206 Datasheet HTML 1Page - Diotech Company. DF206 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DF2005 THRU DF210
GLASS PASSIVATED BRIDGE RECTIFIERS
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC Method)
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
V
V
A
2.0
60
UNITS
Maximum Average Forward Output Current at TA = 40oC
50
200
400
100
600
800
1000
35
140
280
70
420
560
700
V
A
DF201
DF202
50
200
400
100
600
800
1000
DC Blocking Voltage per element
VF
IR
1.1
500
Element at 2.0A DC
Maximum DC Forward Voltage Drop per Bridge
V
@TA = 25oC
@TA = 125oC
10.0
Maximum Reverse Current at rated
Operating and Storage Temperature Range
TJ,TSTG
-55 to + 150
0
C
I2t Rating for Fusing (t<8.3ms)
I2t
10.4
A2Sec
Typical Junction Capacitance ( Note1)
CJ
25
pF
Typical Thermal Resistance (Note 2)
RθJ A
40
0C/W
NOTES : 1.Measured at 1 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance from Junction to Ambient and from junction to lead mounted on P.C.B. with 0.5 x 0.5" (13x13mm) copper pads.
CHARACTERISTICS
DF204
DF206
DF208
DF210
FEATURES
MECHANICAL DATA
●
Plastic package used has Underwriters
Laboratory Flammability Classification 94V-0
●
Glass passivated chip junction
●
High surge overload rating of 50 Amperes peak
●
High temperature soldering guaranteed:
260°C/10 seconds, at 5 lbs. (2.3kg) tension
●
Case: Molded plastic body over passivated junctions
●
Terminals: Plated leads solderable per MIL-STD-750
Method 2026
●
Mounting Position: Any
●
Weight: 0.014 oz., 0.4 g
µA
DF2005
DF-M
Dimensions in inches and (millimeters)
.335(8.5)
.307(7.8)
.244(6.2)
.256(6.5)
.031(0.8)
.023(0.6)
.311(7.9)
.350(8.9)
.323(8.2)
.315(8.0)
.089(2.2)
.102(2.6)
.079(2.0)
.059(1.5)
.197(5.0)
.205(5.2)
.022(0.55)
.018(0.45)
.193(4.9)
.165(4.2)
1
2
3
4


Similar Part No. - DF206

ManufacturerPart #DatasheetDescription
logo
PACELEADER INDUSTRIAL
DF206 PACELEADER-DF206 Datasheet
187Kb / 2P
SINGLE-PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Formosa MS
DF206 FORMOSA-DF206 Datasheet
144Kb / 6P
Bridge Rectifier
logo
Chip Integration Techno...
DF206 CITC-DF206 Datasheet
149Kb / 3P
2A Miniature Glass Passivated Single-Phase Bridge Rectifiers
logo
First Silicon Co., Ltd
DF206 FS-DF206 Datasheet
1Mb / 2P
Bridge Rectifier
logo
SAMYANG ELECTRONICS CO....
DF206 SAMYANG-DF206 Datasheet
2Mb / 3P
Bridge Rectifiers
More results

Similar Description - DF206

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
GBP005 HY-GBP005_V01 Datasheet
491Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com