Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS35 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS35
Description  Non-illuminated/Vertical Type
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS35 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS35 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
92
● ● ● ● ● ● ● ● ● ●
●
非照光式・バーチカルタイプ
LS35 シリーズ 
Non-illuminated/Vertical Type
LS35 Series
1. 小型であるため実用上のレイアウト
の融通性が高く、セット設計が容易に
行なえます。
2. リフロー炉によるはんだ付けが出来
ます。
1. The compact form of these switches
enables high layout flexibility and
easy set design.
2. Reflow soldering is possible using a
reflow furnace.
ルミスイッチLS35シリーズは操作用スイッ
チとして次のような製品に使用できます。
TV、
VTR、
音響機器、
車載用機器、
通信
用機器、
ファクシミリ、
電話機、
カーオー
ディオ製品等。
LUMISWITCH,LS35 series, can be used as
a function control switch in the following
applications.
TV, VCR, audio equipment, automotive
and telecommunication equipment,
measuring instruments, facsimiles,
telephone sets, car audio products etc.
●製品コード/Product code
LS35 J 2 - T
〈シリーズ/Series〉
スイッチ高さ/Thickness
J:2.5mm
操作荷重/Operating force
2:1.76N(180gf)
3:2.35N(240gf)
包装形態/Packing mode
無記入:バルク包装
Non-coded:Bulk packing
T:テーピング(基本納入形態)
T:Taping (standard mode)
●外形寸法図/Outline drawing
Item
スイッチ作動力/Switch operating force
1.76N
2.35N
最大定格/Maximum rating
DC12V 20mA
接触抵抗/Contact resistance
100mΩ以下/100mΩ or less
絶縁抵抗/Insulation resistance
100MΩ以上/100MΩ or more
耐電圧/Withstanding voltage
AC250V 1分間/AC250V for one minute
バウンス/Bounce
20ms以下/20ms or less
ストローク/Stroke
0.17mm
作動力/Operating force
1.76N±0.49N
2.35±0.59N
動作寿命/Operating life (times)
5万回以上
3万回以上
50,000 or more
30,000 or more
●電気的・機械的特性/Electro-Mechanical Characteristics
スイッチ部/Switch portion
(Ta 25℃)
単位/Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
LS35タイプ/LS35 type
■ 用途/ Application
■ 特徴/ Features
2.8(L)×3.8(W)×2.5(H)mm
回路図
Circuit diagram
2.4
3.8
0.3
2.8
SW1
SW1
SW2
SW2
0.5
0.5
Resist printing
レジスト印刷
Au pattern
Auパターン
リフローはんだ用
For reflow soldering
11
2.8


Similar Part No. - LS35

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
LS35 RSG-LS35 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
GOOD-ARK Electronics
LS35 GOOD-ARK-LS35 Datasheet
410Kb / 4P
Surface Mount Schottky Rectifier
logo
First Silicon Co., Ltd
LS35 FS-LS35 Datasheet
132Kb / 2P
Schottky Rectifier
logo
RSG Electronic Componen...
LS35-12 RSG-LS35-12 Datasheet
1Mb / 6P
Single output General Purpose Power Supplies
logo
TDK Electronics
LS35-12 TDK-LS35-12 Datasheet
533Kb / 2P
Single Output General Purpose Power Supplies
More results

Similar Description - LS35

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS8 CITIZEN-LS8 Datasheet
166Kb / 1P
Non-illuminated/Vertical Type
LS16 CITIZEN-LS16 Datasheet
202Kb / 2P
Non-illuminated/Vertical Type
LS17 CITIZEN-LS17 Datasheet
178Kb / 1P
Non-illuminated/Vertical Type
LS18 CITIZEN-LS18 Datasheet
189Kb / 2P
Non-illuminated/Vertical Type
LS30 CITIZEN-LS30 Datasheet
186Kb / 1P
Non-illuminated/Vertical Type
LS37 CITIZEN-LS37 Datasheet
180Kb / 1P
Non-illuminated/Vertical Type
LS7 CITIZEN-LS7 Datasheet
381Kb / 1P
Non-illuminated/Vertical Type
LS16 CITIZEN-LS16_1 Datasheet
417Kb / 2P
Non-illuminated/Vertical Type
LS17 CITIZEN-LS17_1 Datasheet
449Kb / 1P
Non-illuminated/Vertical Type
LS18 CITIZEN-LS18_1 Datasheet
403Kb / 2P
Non-illuminated/Vertical Type
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com