Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS45 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS45
Description  Illuminated Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS45 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS45 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. LS45 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
102
● ● ● ● ● ● ● ● ● ●
照光式
LS45 シリーズ 
Illuminated Type
LS45 Series
1. 小型であるため実用上のレイアウト
の融通性が高く、他のコンポーネント
との共用により大きな自由度を与え、
セット設計が容易に行えます。
2. LEDはスイッチのサイドに配置され
ますが、1個(1色×1個)、2個(2色×
各1個 又は1色×2個)の内蔵が可能
です。
3. リフロー炉によるはんだ付けが出来
ます。
1. Compact size allows outstanding
flexibility of layout and freedom of
application, in combination with other
devices. Set design is now much
easier.
2. LEDs are located in each corner of
the switch the following internal
configurations are possible : One
LED (one of one color), or two LEDs
(two of one color or two colors with
one LED of each).
3. Reflow soldering is possible using a
reflow furnace.
●製品コード/Product code
LS45 J 2 - 1 SR
/
- T
〈シリーズ/Series〉
スイッチ高さ/Thickness
J:2.5mm
操作荷重/Operating force
2:1.76N(180gf)
3:2.35N(240gf)
LED付きの位置及び数/Location and number of LED(s)
LEDの位置及び数を下図(※)の1,2のコードNo.から選択/
Choose the number and position of the LEDs from the
code Nos.1and 2 in the diagram below(※).
LED発光色(LED付のみ)/Color of LED
LED発光色(LED付のみ)/Color of another LED
LEDの数が2ヶになる場合/Applicable only to two LEDs version
包装形態/Packing mode
無記入:バルク包装
Non-coded:Bulk packing
T:テーピング(基本納入形態)
T:Taping (standard mode)
●外形寸法図/Outline drawing
※ コードNo.2のタイプのLEDはスイッチの中心から見て左側が長波長、右側が短波長の色とします。
LED1ヶ付の場合、左側にLEDを付けます。
※ The code No.2 LED type is colored to emit long-wavelength light from the left side and short
wavelength light from the right side, when the switch is viewed from the center. Where only one
LED is attached, it will be the LED on the left side.
単位/Unit : mm
推奨はんだ付けパターン
The following soldering patterns are recommended for
reflow-soldering:
LS45Jタイプ
(LED付)
/LS45J type
(with LED)
LED付きの位置
及び数
Location and
number of LED(s)
コードNo.
1 
2
 
Code No.
(※)
■ 特徴/ Features
3.9(L)×3.9(W)×2.5(H)mm
3.9
(0.9)
2.4
0.5
0.5
A1
K1
S1
A2
S2
K2
※UR,HRは極性が逆です。
※Polarity is reversed
 on the UR and HR.
LED素子
回路図(TOP VIEW)
Circuit diagram(Top view)
LED die
外形中心
Center
SW中心
SW Center
電極パターン
Turminal pettern
リフローはんだ用
For reflow soldering
0.9
2.9
0.9


Similar Part No. - LS45

ManufacturerPart #DatasheetDescription
logo
Power-One
LS4501-7R POWER-ONE-LS4501-7R Datasheet
599Kb / 27P
100 Watt AC-DC Converters with PFC
More results

Similar Description - LS45

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS10 CITIZEN-LS10 Datasheet
221Kb / 2P
Non-illuminated/Horizontal Type
LS12 CITIZEN-LS12 Datasheet
188Kb / 2P
Non-illuminated/Horizontal Type
LS18 CITIZEN-LS18 Datasheet
189Kb / 2P
Non-illuminated/Vertical Type
LS7 CITIZEN-LS7 Datasheet
381Kb / 1P
Non-illuminated/Vertical Type
LS6 CITIZEN-LS6 Datasheet
490Kb / 1P
Illuminated Type
LS9 CITIZEN-LS9 Datasheet
474Kb / 2P
Illuminated Type
LS10 CITIZEN-LS10_1 Datasheet
476Kb / 2P
Non-illuminated/Horizontal Type
LS20 CITIZEN-LS20 Datasheet
482Kb / 2P
Illuminated Type
LS40 CITIZEN-LS40 Datasheet
475Kb / 2P
Illuminated Type
logo
Copal Electronics
DP4 COPAL-DP4 Datasheet
438Kb / 2P
Non-Illuminated Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com