Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS16D2 Datasheet(PDF) 1 Page - CITIZEN ELECTRONICS CO., LTD.

Part # LS16D2
Description  Non-illuminated/Vertical Type
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CITIZEN [CITIZEN ELECTRONICS CO., LTD.]
Direct Link  http://ce.citizen.co.jp/e/index.html
Logo CITIZEN - CITIZEN ELECTRONICS CO., LTD.

LS16D2 Datasheet(HTML) 1 Page - CITIZEN ELECTRONICS CO., LTD.

  LS16D2 Datasheet HTML 1Page - CITIZEN ELECTRONICS CO., LTD. LS16D2 Datasheet HTML 2Page - CITIZEN ELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
86
● ● ● ● ● ● ● ● ● ●
非照光式・バーチカルタイプ
LS16 シリーズ 
Non-illuminated/Vertical Type
LS16 Series
1. 小型であるため実用上のレイアウト
の融通性が高く、他のコンポーネント
との共用により大きな自由度を与え、
セット設計が容易に行えます。
2. リフロー炉によるはんだ付けが可能
な完全防水タイプです。
1. Compact size allows outstanding
flexibility of layout and freedom of
application, in combination with other
devices. Set design is now much
easier.
2. This is a completely waterproof type
that permits reflow oven soldering.
ルミスイッチLS16シリーズは操作用ス
イッチとして次のような製品に使用でき
ます。
携帯電話、TV、VTR、カメラ等。
LUMISWITCH, LS16 series, can be used
as a function control switch in the
following applications.
Portable telephones, TV, VCR,
cameras, etc.
●製品コード/Product code
LS16 B 2 T
〈シリーズ/Series〉
スイッチ高さ/Thickness
A:0.35mm 2端子/0.35 mm 2 contacts
B:0.35mm 4端子/0.35 mm 4 contacts
D:0.55mm 4端子/0.55 mm 4 contacts
操作荷重/Operating force
1:1.18N(120gf)
2:1.57N(160gf)
3:1.96N(200gf)
4:2.35N(240gf)
包装形態/Packing mode
無記入:バルク包装
Non-coded:Bulk packing
T:テーピング(基本納入形態)
T:Taping (standard mode)
LS16A
LS16B
LS16D
■ 用途/ Application
■ 特徴/ Features
4.2(L)×4.2(W)×0.35(H)mm
4.2(L)×4.2(W)×0.35(H)mm
4.2(L)×4.2(W)×0.55(H)mm


Similar Part No. - LS16D2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS16D2 CITIZEN-LS16D2 Datasheet
202Kb / 2P
Non-illuminated/Vertical Type
LS16D2T CITIZEN-LS16D2T Datasheet
202Kb / 2P
Non-illuminated/Vertical Type
More results

Similar Description - LS16D2

ManufacturerPart #DatasheetDescription
logo
CITIZEN ELECTRONICS CO....
LS8 CITIZEN-LS8 Datasheet
166Kb / 1P
Non-illuminated/Vertical Type
LS16 CITIZEN-LS16 Datasheet
202Kb / 2P
Non-illuminated/Vertical Type
LS17 CITIZEN-LS17 Datasheet
178Kb / 1P
Non-illuminated/Vertical Type
LS18 CITIZEN-LS18 Datasheet
189Kb / 2P
Non-illuminated/Vertical Type
LS30 CITIZEN-LS30 Datasheet
186Kb / 1P
Non-illuminated/Vertical Type
LS37 CITIZEN-LS37 Datasheet
180Kb / 1P
Non-illuminated/Vertical Type
LS7 CITIZEN-LS7 Datasheet
381Kb / 1P
Non-illuminated/Vertical Type
LS17 CITIZEN-LS17_1 Datasheet
449Kb / 1P
Non-illuminated/Vertical Type
LS18 CITIZEN-LS18_1 Datasheet
403Kb / 2P
Non-illuminated/Vertical Type
LS35 CITIZEN-LS35 Datasheet
383Kb / 1P
Non-illuminated/Vertical Type
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com