Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BZX43 Datasheet(PDF) 3 Page - Diotech Company.

Part # BZX43
Description  1.3W EPITAXIAL ZENER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

BZX43 Datasheet(HTML) 3 Page - Diotech Company.

  BZX43 Datasheet HTML 1Page - Diotech Company. BZX43 Datasheet HTML 2Page - Diotech Company. BZX43 Datasheet HTML 3Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
BZX85C3V3 THRU BZX85C56
Characteristics (Tj=25℃ unless otherwise specified)
l – Lead Length (mm)
Tamb – Ambient Temperature(℃)
Figure2. Thermal Resistance vs. Lead Length
Figure1.Total Power Dissipation vs. Ambient
Temperature
Vz-Z-Voltage (V)
Vz-Z-Voltage (V)
Figure4.Differential Z-Resistance vs.Z-Voltage
Figure3. Diode Capacitance vs. Z-Voltage
tp –Pulse Length (ms)
Figure5. Thermal Response
VR=0V
VR=2V
VR=5V
VR=20V
VR=30V



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com