Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FR1002 Datasheet(PDF) 1 Page - Diotech Company.

Part # FR1002
Description  FAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

FR1002 Datasheet(HTML) 1 Page - Diotech Company.

  FR1002 Datasheet HTML 1Page - Diotech Company. FR1002 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FR1001 THRU FR1007
FAST RECOVERY RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 10.0 Ampere
Characteristic
Case: R-6 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.072 ounce, 2.05 grams
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
Dimensions in inches and (millimeters)
R-6
0.360(9.1)
0.340(8.6)
DIA.
0.052(1.3)
0.048(1.2)
DIA.
1.0 (25.4)
MIN.
0.360(9.1)
0.340(8.6)
1.0 (25.4)
MIN.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
10.0
300.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
0.375”(9.5mm) lead length at TA=55 C
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 10.0A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA = 55 C
IR
10.0
150.0
CJ
TJ,TSTG
10.0
150.0
-55 to +150
pF
C
Typical thermal resistance (NOTE 3)
C/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
150
250
500
ns
FR
1001
FR
1002
FR
1003
FR
1004
FR
1005
FR
1006
FR
1007
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.Thermal resistance from junction to ambient at 0.375”(9.5mm)lead length,P.C.B. mounted
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
●
●
●
●
●
●
µA
R JA


Similar Part No. - FR1002

ManufacturerPart #DatasheetDescription
logo
DIOTEC Electronics Corp...
FR1002 DEC-FR1002 Datasheet
670Kb / 2P
Fast switching for high efficiency
logo
Micro Commercial Compon...
FR1002 MCC-FR1002 Datasheet
398Kb / 4P
10 Amp Rectifier 50 to 1000 Volts
logo
Nantong Hornby Electron...
FR1002 HORNBY-FR1002 Datasheet
273Kb / 3P
GLASS PASSIVATED FAST RECOVERY RECTIFIER
logo
Rectron Semiconductor
FR1002 RECTRON-FR1002 Datasheet
85Kb / 6P
FAST RECOVERY RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 10 .0 Amperes
logo
SUNMATE electronic Co.,...
FR1002 SUNMATE-FR1002 Datasheet
777Kb / 2P
FAST RECOVERY RECTIFIERS
More results

Similar Description - FR1002

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
FR101 CHENYI-FR101 Datasheet
163Kb / 2P
FAST RECOVERY RECTIFIER
FR301 CHENYI-FR301 Datasheet
122Kb / 2P
FAST RECOVERY RECTIFIER
logo
Mospec Semiconductor
FR101 MOSPEC-FR101 Datasheet
189Kb / 2P
FAST RECOVERY RECTIFIER
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
FAST RECOVERY RECTIFIER
3JH61 BILIN-3JH61 Datasheet
59Kb / 2P
FAST RECOVERY RECTIFIER
BY500-100 BILIN-BY500-100 Datasheet
63Kb / 2P
FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com