Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GDZJ2 Datasheet(PDF) 3 Page - Diotech Company.

Part # GDZJ2
Description  500mW EPITAXIAL ZENER DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

GDZJ2 Datasheet(HTML) 3 Page - Diotech Company.

  GDZJ2 Datasheet HTML 1Page - Diotech Company. GDZJ2 Datasheet HTML 2Page - Diotech Company. GDZJ2 Datasheet HTML 3Page - Diotech Company. GDZJ2 Datasheet HTML 4Page - Diotech Company. GDZJ2 Datasheet HTML 5Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
GDZJ - SERIES
500mW EPITAXIAL ZENER DIODE
r
e
b
m
u
N
tr
a
P
S
S
A
L
VZ @ IZT
Z
I
(m )
A
R
V
)
V
(
)
A
u
(
R
I
X
A
M
t
z
I
)
A
m
(
ZZT(Ω )
X
A
M
k
z
I
)
A
m
(
ZZK(Ω )
X
A
M
MARKING
CODE
V
.
n
i
M
V
.
x
a
M
2
1
J
Z
D
G
A
3
1
.
1
1
1
7
.
1
1
5
0
.
9
2
.
0
5
0
3
5
.
0
0
1
1
A
2
1
Z
B
4
4
.
1
1
3
0
.
2
1
B
2
1
Z
C
4
7
.
1
1
5
3
.
2
1
C
2
1
Z
3
1
J
Z
D
G
A
1
1
.
2
1
5
7
.
2
1
5
0
1
2
.
0
5
5
3
5
.
0
0
1
1
A
3
1
Z
B
5
5
.
2
1
1
2
.
3
1
B
3
1
Z
C
9
9
.
2
1
6
6
.
3
1
C
3
1
Z
5
1
J
Z
D
G
A
4
4
.
3
1
3
1
.
4
1
5
1
1
2
.
0
5
0
4
5
.
0
0
1
1
A
5
1
Z
B
9
8
.
3
1
2
6
.
4
1
B
5
1
Z
C
5
3
.
4
1
9
0
.
5
1
C
5
1
Z
6
1
J
Z
D
G
A
0
8
.
4
1
7
5
.
5
1
5
2
1
2
.
0
5
0
4
5
.
0
0
5
1
A
6
1
Z
B
5
2
.
5
1
4
0
.
6
1
B
6
1
Z
C
9
6
.
5
1
1
5
.
6
1
C
6
1
Z
8
1
J
Z
D
G
A
2
2
.
6
1
6
0
.
7
1
5
3
1
2
.
0
5
5
4
5
.
0
0
5
1
A
8
1
Z
B
2
8
.
6
1
0
7
.
7
1
B
8
1
Z
C
2
4
.
7
1
3
3
.
8
1
C
8
1
Z
0
2
J
Z
D
G
A
2
0
.
8
1
6
9
.
8
1
5
5
1
2
.
0
5
5
5
5
.
0
0
0
2
A
0
2
Z
B
3
6
.
8
1
9
5
.
9
1
B
0
2
Z
C
3
2
.
9
1
2
2
.
0
2
C
0
2
Z
D
2
7
.
9
1
2
7
.
0
2
D
0
2
Z
2
2
J
Z
D
G
A
5
1
.
0
2
0
2
.
1
2
5
7
1
2
.
0
5
0
3
5
.
0
0
0
2
A
2
2
Z
B
4
6
.
0
2
1
7
.
1
2
B
2
2
Z
C
8
0
.
1
2
7
1
.
2
2
C
2
2
Z
D
2
5
.
1
2
3
6
.
2
2
D
2
2
Z
4
2
J
Z
D
G
A
5
0
.
2
2
8
1
.
3
2
5
9
1
2
.
0
5
5
3
5
.
0
0
0
2
A
4
2
Z
B
1
6
.
2
2
7
7
.
3
2
B
4
2
Z
C
2
1
.
3
2
1
3
.
4
2
C
4
2
Z
D
3
6
.
3
2
5
8
.
4
2
D
4
2
Z
7
2
J
Z
D
G
A
6
2
.
4
2
2
5
.
5
2
5
1
2
2
.
0
5
5
4
5
.
0
0
5
2
A
7
2
Z
B
7
9
.
4
2
6
2
.
6
2
B
7
2
Z
C
3
6
.
5
2
5
9
.
6
2
C
7
2
Z
D
9
2
.
6
2
4
6
.
7
2
D
7
2
Z
0
3
J
Z
D
G
A
9
9
.
6
2
9
3
.
8
2
5
3
2
2
.
0
5
5
5
5
.
0
0
5
2
A
0
3
Z
B
0
7
.
7
2
3
1
.
9
2
B
0
3
Z
C
6
3
.
8
2
2
8
.
9
2
C
0
3
Z
D
2
0
.
9
2
1
5
.
0
3
D
0
3
Z
3
3
J
Z
D
G
A
8
6
.
9
2
2
2
.
1
3
5
5
2
2
.
0
5
5
6
5
.
0
0
5
2
A
3
3
Z
B
2
3
.
0
3
8
8
.
1
3
B
3
3
Z
C
0
9
.
0
3
0
5
.
2
3
C
3
3
Z
D
9
4
.
1
3
1
1
.
3
3
D
3
3
Z
6
3
J
Z
D
G
A
4
1
.
2
3
9
7
.
3
3
5
7
2
2
.
0
5
5
7
5
.
0
0
5
2
A
6
3
Z
B
9
7
.
2
3
9
4
.
4
3
B
6
3
Z
C
0
4
.
3
3
3
1
.
5
3
C
6
3
Z
D
1
0
.
4
3
7
7
.
5
3
D
6
3
Z
9
3
J
Z
D
G
A
8
6
.
4
3
7
4
.
6
3
5
0
3
2
.
0
5
5
8
5
.
0
0
5
2
A
9
3
Z
B
6
3
.
5
3
9
1
.
7
3
B
9
3
Z
C
0
0
.
6
3
5
8
.
7
3
C
9
3
Z
D
3
6
.
6
3
2
5
.
8
3
D
9
3
Z
3
4
J
Z
D
G
0
0
.
0
4
0
0
.
5
4
5
3
3
2
.
0
5
0
9
--
--
Z43
7
4
J
Z
D
G
0
0
.
4
4
0
0
.
9
4
5
6
3
2
.
0
5
0
9
--
--
Z47
1
5
J
Z
D
G
0
0
.
8
4
0
0
.
4
5
5
9
3
2
.
0
5
0
1
1
--
--
Z51
6
5
J
Z
D
G
0
0
.
3
5
0
0
.
0
6
5
3
4
2
.
0
5
0
1
1
--
--
Z56



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com