Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD01 Datasheet(PDF) 2 Page - Diotech Company.

Part # HD01
Description  MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

HD01 Datasheet(HTML) 2 Page - Diotech Company.

  HD01 Datasheet HTML 1Page - Diotech Company. HD01 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HD01 THRU HD10
RATINGS AND CHARACTERISTIC CURVES
PERCENT OF RATED PEAK REVERSE VOLTAGE" (%)
FIG.3-TYPICAL REVERSE CHARACTERISTICS
140
0.01
0.1
0
20
40
60
80
100
120
1.0
10
100
TJ=125
TJ=25
1
4
10.0
100
100
10
1.0
REVERSE VOLTAGE" (V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
TJ=25
"
f=1MHZ
FIG.1-FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE,
1.0
0.8
0.6
0.4
0.2
0.1
20
40
60
100
120
140
160
80
MOUNTED ON BOARD
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
FIG.2 - MAXIMUM NON-REPETITIVE
SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
1
2
5
10
20
50
100
10
0
40
30
20
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
FIG.4-TYPICAL FORWARD CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, (V)
0.1
0.01
1.0
0
0.2
0.8
0.4
1.0
1.6
0.6
1.2
1.4
10
1.8
TJ=25
PULSE WIDTH 300us
(°C)
°C
°C
°C
°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com