Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD02 Datasheet(PDF) 1 Page - Diotech Company.

Part # HD02
Description  MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

HD02 Datasheet(HTML) 1 Page - Diotech Company.

  HD02 Datasheet HTML 1Page - Diotech Company. HD02 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HD01 THRU HD10
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
Reverse Voltage - 100 to 1000 Volts
Forward Current - 0.8 Ampere
Surge overload rating - 30 Amperes peak
Ideal for printed circuit board
Reliable low cost construction utilizing molded
Glass passivated device
Polarity symbols molded on body
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
●
●
●
●
●
Epoxy : Device has UL flammability classification 94V-0
●
Dimensions in inches and (millimeters)
.067(1.7)
.057(1.3)
.106(2.7)
.09(2.3)
.106(2.7)
.09(2.3)
.193(4.9)
.177(4.5)
.031(0.8)
.019(0.5)
.275(7.0)MAX
.165(4.2)
.150(3.8)
.014(.35)
.006(.15)
.067(1.7)
.057(1.3)
.051(1.3)
.035(0.9)
.008(0.2)
.043(1.1)
.027(0.7)
MBS
1
2
3
4
Characteristic
Symbol
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
70
140
280
420
560
700
V
Average Rectified Output Current (Note 1) @TA = 40°C
IO
0.8
A
Non-Repetitive Peak Forward Surge Current 8.3ms
Single half sine-wave superimposed on rated load
(JEDEC Method)
IFSM
30
A
I2t Rating for Fusing (t < 8.3ms)
I2t
2s
Forward Voltage per element
@IF = 0.8A
VFM
1.1
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 125°C
IRM
5.0
500
µA
Typical Junction Capacitance per leg (Note 2)
Cj
25
pF
Typical Thermal Resistance per leg (Note 1)
R JA
R JL
85
20
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Note: 1. Mounted on glass epoxy PC board with 1.3mm2 solder pad.
2. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
A
10
Case : MBS, Molded Plastic
●
Mounting Position : Any
●
Weight : 0.22 grams (approx.)
●
Marking : Type Number
●
Unit
HD01
HD02
HD04
HD06
HD08
HD10


Similar Part No. - HD02

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
HD02 DIODES-HD02 Datasheet
54Kb / 2P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17003 Rev. F-2
logo
Micro Commercial Compon...
HD02 MCC-HD02 Datasheet
93Kb / 2P
0.8 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts
logo
Microdiode Semiconducto...
HD02 CHENDA-HD02 Datasheet
547Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
SHIKUES Electronics
HD02 SKTECHNOLGY-HD02 Datasheet
1Mb / 3P
0.8A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
SAMYANG ELECTRONICS CO....
HD02 SAMYANG-HD02 Datasheet
1Mb / 2P
SILICON BRIDGE RECTIFIERS
More results

Similar Description - HD02

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMFBR-6F CENTRAL-CMFBR-6F Datasheet
113Kb / 2P
SURFACE MOUNT SILICON BRIDGE RECTIFIER
logo
Diotech Company.
ABS1 DIOTECH-ABS1 Datasheet
729Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
B1S DIOTECH-B1S Datasheet
848Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Central Semiconductor C...
CMFBR-6F CENTRAL-CMFBR-6F_10 Datasheet
431Kb / 2P
SURFACE MOUNT SILICON BRIDGE RECTIFIER
CMKBR-6F CENTRAL-CMKBR-6F_10 Datasheet
495Kb / 2P
SURFACE MOUNT SILICON BRIDGE RECTIFIER
CBR1U-D010S CENTRAL-CBR1U-D010S_15 Datasheet
408Kb / 2P
SURFACE MOUNT SILICON BRIDGE RECTIFIER
CMFBR-6F CENTRAL-CMFBR-6F_15 Datasheet
431Kb / 2P
SURFACE MOUNT SILICON BRIDGE RECTIFIER
CMKBR-6F CENTRAL-CMKBR-6F_15 Datasheet
495Kb / 2P
SURFACE MOUNT SILICON BRIDGE RECTIFIER
logo
Diotech Company.
MB1M DIOTECH-MB1M Datasheet
871Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
logo
Shenzhen Yixinwei Techn...
ABS1 YIXIN-ABS1 Datasheet
755Kb / 2P
MINI SILICON SURFACE MOUNT BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com