Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HER201 Datasheet(PDF) 1 Page - Diotech Company.

Part # HER201
Description  HIGH EFFICIENT SILICON RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

HER201 Datasheet(HTML) 1 Page - Diotech Company.

  HER201 Datasheet HTML 1Page - Diotech Company. HER201 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HER201 THRU HER208
HIGH EFFICIENT SILICON RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 2.0 Ampere
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
Ultra fast switching for high efficiency
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds,0.375”(9.5mm) lead length,
5 lbs. (2.3kg) tension
FEATURES
MECHANICAL DATA
●
●
●
●
●
Dimensions in inches and (millimeters)
DO-15
0.140(3.6)
0.104(2.6)
DIA.
0.034(0.9)
0.028(0.7)
DIA.
1.0 (25.4)
MIN.
0.300(7.6)
0.230(5.8)
1.0 (25.4)
MIN.
Case: JEDEC DO-15 molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.014 ounce, 0.40 grams
Characteristic
Symbol HER
201
HER
202
HER
203
HER
204
HER
205
HER
206
HER
207
HER
208
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
300
400
600
800
1000
V
V
e
g
a
tl
o
V
e
s
r
e
v
e
R
S
M
R
R(RMS)
35
70
140
210
280
420
560
700
V
Average Rectified Output Current
(Note 1)
@TA = 55°C
IO
A
0
.
2
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave superimposed on
rated load (JEDEC Method)
IFSM
A
0
6
Forward Voltage
@IF = 2.0A
VFM
1.0
1.3
1.7
V
Peak Reverse Current
@TA = 25°C
At Rated DC Blocking Voltage
@TA = 100°C
IRM
5.0
100
µA
Reverse Recovery Time (Note 2)
trr
S
n
5
7
0
5
Typical Junction Capacitance (Note 3)
Cj
F
p
0
4
0
6
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
g
n
it
a
r
e
p
O
j
C
°
50
1
+
o
t
5
6
-
T
e
g
n
a
R
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
STG
C
°
0
5
1
+
o
t
5
6
-
Note: 1. Leads maintained at ambient temperature at a distance of 9.5mm from the case
2. Measured with IF = 0.5A, IR = 1.0A, IRR = 0.25A. See figure 5.
3. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.


Similar Part No. - HER201

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
HER201 WTE-HER201 Datasheet
49Kb / 3P
2.0A HIGH EFFICIENCY RECTIFIER
logo
Zowie Technology Corpor...
HER201 ZOWIE-HER201 Datasheet
50Kb / 2P
HIGH EFFICIENCY RECITIFIER
logo
Rectron Semiconductor
HER201 RECTRON-HER201 Datasheet
43Kb / 2P
HIGH EFFICIENCY RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Ampere)
logo
Jinan Gude Electronic D...
HER201 JGD-HER201 Datasheet
165Kb / 2P
2.0 AMPS.HIGH EFFICIENCY RECTIFIERS
logo
Bytes
HER201 BYTES-HER201 Datasheet
154Kb / 2P
2.0 AMP HIGH EFFICIENCY RECTIFIERS
More results

Similar Description - HER201

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
HER101 DIOTECH-HER101 Datasheet
830Kb / 2P
HIGH EFFICIENT SILICON RECTIFIER
HER301 DIOTECH-HER301 Datasheet
820Kb / 2P
HIGH EFFICIENT SILICON RECTIFIER
HER501 DIOTECH-HER501 Datasheet
887Kb / 2P
HIGH EFFICIENT SILICON RECTIFIER
HER601 DIOTECH-HER601 Datasheet
899Kb / 2P
HIGH EFFICIENT SILICON RECTIFIER
logo
Yangzhou yangjie electr...
HER601 YANGJIE-HER601_11 Datasheet
133Kb / 2P
High Efficient Rectifier
logo
Shenzhen Taychipst Elec...
SUF4001 TAYCHIPST-SUF4001 Datasheet
10Mb / 2P
HIGH EFFICIENT PLASTIC SILICON RECTIFIER
logo
Yangzhou yangjie electr...
HER501 YANGJIE-HER501 Datasheet
192Kb / 2P
High Efficient Rectifier
HER501G YANGJIE-HER501G Datasheet
188Kb / 2P
High Efficient Rectifier
HER101GS YANGJIE-HER101GS Datasheet
196Kb / 2P
High Efficient Rectifier
HER201G YANGJIE-HER201G Datasheet
210Kb / 2P
High Efficient Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com