Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC25 Datasheet(PDF) 2 Page - Diotech Company.

Part # KBPC25
Description  HIGH CURRENT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

KBPC25 Datasheet(HTML) 2 Page - Diotech Company.

  KBPC25 Datasheet HTML 1Page - Diotech Company. KBPC25 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
KBPC15/25/35/50A SERIES
RATINGS AND CHARACTERISTIC CURVES
TJ=25
PERCENT OF RATED PEAK REVERSE VOLTAGE
FIG.4-TYPICAL REVERSE
CHARACTERISTICS
10
1.0
0.1
0.01
0
120
20
40
60
80
100
140
CASE TEMPERATURE,
FIG.2- DERATING CURVE
OUTPUT RECTIFIED CURRENT
150
20
100
0
10
30
40
50
50
KBPC15
KBPC25
KBPC50
KBPC35
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.3-TYPICAL FORWARD
CHARACTERISTICS
NUMBER OF CYCLES AT 60Hz
FIG.1-MAXIMUM FORWARD SURGE CURRENT
200
100
0
300
500
600
400
100
10
1
KBPC50
KBPC25/35
KBPC15
0.6
0.8
1.0
1.2
1.4
0.4
100
10
1.0
0.1
0.01
1.6
KBPC25A
KBPC15A
KBPC35/50A
°C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com