Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KBPC35 Datasheet(PDF) 1 Page - Diotech Company.

Part # KBPC35
Description  HIGH CURRENT BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

KBPC35 Datasheet(HTML) 1 Page - Diotech Company.

  KBPC35 Datasheet HTML 1Page - Diotech Company. KBPC35 Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC15/25/35/50A SERIES
HIGH CURRENT BRIDGE RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 15/25/35/50 Ampere
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
●
High current capability
●
●
High reliability
●
Low reverse current
●
Low forward voltage drop
●
Case : Metal Case
●
Terminals: Plated Leads Solderable per
MIL-STD 202, method 208
●
Weight : KBPC 31.6 grams (approx.)
KBPC-W 28.5 grams (approx.)
●
Marking: Type Number
High surge current capability
Characteristics
Symbol
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectifier Output Current
@TC = 60°C
KBPC15
KBPC25
KBPC35
KBPC50
IO
15
25
35
50
A
Non-Repetitive Peak Forward Surge
Current 8.3ms single half sine-wave
Superimposed on rated load
(JEDEC Method)
KBPC15
KBPC25
KBPC35
KBPC50
IFSM
300
400
400
500
A
Forward Voltage Drop
(per element)
KBPC15 @IF = 7.5A
KBPC25 @IF = 12.5A
KBPC35 @IF = 17.5A
VFM
1.1
V
Peark Reverse Current
@TC = 25°C
At Rated DC Blocking Voltage
@TC = 125°C
IRM
10
1.0
µA
mA
KBPC50 @IF = 25.0A
Operating and Storage Temperature Range
TJ,TSTG
-55 to + 125
°C
Dimensions in inches and (milimeters)
KBPC
.921(23.4)
.882(22.4)
1.114(28.3)
1.130(28.7)
.661(16.8)
.648(16.4)
.720(18.3)
(17.9)
.571(14.5)
.555(14.1)
.648(16.4)
.661(16.8)
1.130(28.7)
1.114(28.3)
.028(0.7)
.035(0.9)
.254(6.45)
.242(6.15)
.424(10.77)
.442(11.23)
Hole for
No.8 screw
193"(4.9)diam
diam
0.94
(2.4)
KBPC-W
Hole for
No.8 screw
193"(4.9)diam
.469(11.9)
.429(10.9)
.693(17.6)
.732(18.6)
.693(17.6)
.732(18.6)
1
.130(28.7)
1
.114 (28.3)
1.114(28.3)
1.130(28.7)
.38(0.97)
.42(1.07)
(30.5)MIN
1.200
.442(11.23)
.424(10.77)
.705
-01/W
-02/W
-04/W
-06/W
-08/W
-10/W
Unit
-005/W


Similar Part No. - KBPC35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KBPC35 ETC1-KBPC35 Datasheet
204Kb / 4P
10 to 40 Amp SINGLE PHASE SILICON BRIDGE
logo
Won-Top Electronics
KBPC35 WTE-KBPC35 Datasheet
54Kb / 4P
35A SINGLE-PHASE BRIDGE RECTIFIER
logo
List of Unclassifed Man...
KBPC35 ETC2-KBPC35 Datasheet
431Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIERS
logo
Yangzhou yangjie electr...
KBPC35 YANGJIE-KBPC35 Datasheet
923Kb / 2P
SINGLE PHASE15/25/35/50 AMPS. SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC35 CHENG-YI-KBPC35 Datasheet
138Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results

Similar Description - KBPC35

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
KBPC COMCHIP-KBPC Datasheet
59Kb / 3P
High Current Bridge Rectifier
logo
Diotech Company.
GBPC15 DIOTECH-GBPC15 Datasheet
1Mb / 2P
HIGH CURRENT BRIDGE RECTIFIER
GBPC15A DIOTECH-GBPC15A Datasheet
1Mb / 2P
HIGH CURRENT BRIDGE RECTIFIER
GBPC25A DIOTECH-GBPC25A Datasheet
1Mb / 2P
HIGH CURRENT BRIDGE RECTIFIER
GBPC35A DIOTECH-GBPC35A Datasheet
1Mb / 2P
HIGH CURRENT BRIDGE RECTIFIER
KBPC15A DIOTECH-KBPC15A Datasheet
926Kb / 2P
HIGH CURRENT BRIDGE RECTIFIER
KBPC25A DIOTECH-KBPC25A Datasheet
926Kb / 2P
HIGH CURRENT BRIDGE RECTIFIER
KBPC35A DIOTECH-KBPC35A Datasheet
926Kb / 2P
HIGH CURRENT BRIDGE RECTIFIER
KBPC50A DIOTECH-KBPC50A Datasheet
926Kb / 2P
HIGH CURRENT BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
KBPC10005 SUNMATE-KBPC10005 Datasheet
1Mb / 2P
HIGH CURRENT BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com