Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GLZ10 Datasheet(PDF) 2 Page - Diotech Company.

Part # GLZ10
Description  500mW SUFACE MOUNT ZENER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

GLZ10 Datasheet(HTML) 2 Page - Diotech Company.

  GLZ10 Datasheet HTML 1Page - Diotech Company. GLZ10 Datasheet HTML 2Page - Diotech Company. GLZ10 Datasheet HTML 3Page - Diotech Company. GLZ10 Datasheet HTML 4Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GLZ2.0 ~ GLZ56
500mW SUFACE MOUNT ZENER DIODE
r
e
b
m
u
N
tr
a
P
S
S
A
L
C
VZ @ IZT
Z
I
(mA)
R
V
)
V
(
)
A
u
(
R
I
X
A
M
t
z
I
)
A
m
(
ZZT(Ω)
X
A
M
IZK
(m )
A
ZZK(Ω)
X
A
M
g
n
i
k
r
a
M
e
d
o
c
V
.
n
i
M
V
.
x
a
M
0
.
2
Z
L
G
A
8
8
.
1
0
1
.
2
0
2
5
.
0
0
2
1
0
2
0
4
1
1
0
0
0
2
0
A
2
B
2
0
.
2
0
2
.
2
0
B
2
2
.
2
Z
L
G
A
2
1
.
2
0
3
.
2
0
2
7
.
0
0
2
1
0
2
0
2
1
1
0
0
0
2
2
A
2
B
2
2
.
2
1
4
.
2
2
B
2
4
.
2
Z
L
G
A
3
3
.
2
2
5
.
2
0
2
0
.
1
0
2
1
0
2
0
0
1
1
0
0
0
2
4
A
2
B
3
4
.
2
3
6
.
2
4
B
2
7
.
2
Z
L
G
A
4
5
.
2
5
7
.
2
0
2
0
.
1
0
2
1
0
2
0
0
1
1
0
0
0
1
7
A
2
B
9
6
.
2
1
9
.
2
7
B
2
0
.
3
Z
L
G
A
5
8
.
2
7
0
.
3
0
2
0
.
1
0
5
0
2
0
8
1
0
0
0
1
0
A
3
B
1
0
.
3
2
2
.
3
0
B
3
3
.
3
Z
L
G
A
6
1
.
3
8
3
.
3
0
2
0
.
1
0
2
0
2
0
7
1
0
0
0
1
3
A
3
B
2
3
.
3
3
5
.
3
3
B
3
6
.
3
Z
L
G
A
5
5
4
.
3
5
9
6
.
3
0
2
0
.
1
0
1
0
2
0
6
1
0
0
0
1
6
A
3
B
0
6
.
3
5
4
8
.
3
6
B
3
9
.
3
Z
L
G
A
4
7
.
3
1
0
.
4
0
2
0
.
1
5
0
2
0
5
1
0
0
0
1
9
A
3
B
9
8
.
3
6
1
.
4
9
B
3
3
.
4
Z
L
G
A
4
0
.
4
9
2
.
4
0
2
0
.
1
5
0
2
0
4
1
0
0
0
1
3
A
4
B
7
1
.
4
3
4
.
4
3
B
4
C
0
3
.
4
7
5
.
4
3
C
4
7
.
4
Z
L
G
A
4
4
.
4
8
6
.
4
0
2
0
.
1
5
0
2
5
2
1
0
0
9
7
A
4
B
5
5
.
4
0
8
.
4
7
B
4
C
8
6
.
4
3
9
.
4
7
C
4
1
.
5
Z
L
G
A
1
8
.
4
7
0
.
5
0
2
5
.
1
5
0
2
0
2
1
0
0
8
1
A
5
B
4
9
.
4
0
2
.
5
1
B
5
C
9
0
.
5
7
3
.
5
1
C
5
6
.
5
Z
L
G
A
8
2
.
5
5
5
.
5
0
2
5
.
2
5
0
2
3
1
1
0
0
5
6
A
5
B
5
4
.
5
3
7
.
5
6
B
5
C
1
6
.
5
1
9
.
5
6
C
5
2
.
6
Z
L
G
A
8
7
.
5
9
0
.
6
0
2
0
.
3
5
0
2
0
1
1
0
0
3
2
A
6
B
6
9
.
5
7
2
.
6
2
B
6
C
2
1
.
6
4
4
.
6
2
C
6
8
.
6
Z
L
G
A
9
2
.
6
3
6
.
6
0
2
5
.
3
2
0
2
8
5
.
0
0
5
1
8
A
6
B
9
4
.
6
3
8
.
6
8
B
6
C
6
6
.
6
1
0
.
7
8
C
6
5
.
7
Z
L
G
A
5
8
.
6
2
2
.
7
0
2
0
.
4
5
.
0
0
2
8
5
.
0
0
2
1
5
A
7
B
7
0
.
7
5
4
.
7
5
B
7
C
9
2
.
7
7
6
.
7
5
C
7
2
.
8
Z
L
G
A
3
5
.
7
2
9
.
7
0
2
0
.
5
5
.
0
0
2
8
5
.
0
0
2
1
2
A
8
B
8
7
.
7
9
1
.
8
2
B
8
C
3
0
.
8
5
4
.
8
2
C
8
1
.
9
Z
L
G
A
9
2
.
8
3
7
.
8
0
2
0
.
6
5
.
0
0
2
8
5
.
0
0
2
1
1
A
9
B
7
5
.
8
1
0
.
9
1
B
9
C
3
8
.
8
0
3
.
9
1
C
9
0
1
Z
L
G
A
2
1
.
9
9
5
.
9
0
2
0
.
7
2
.
0
0
2
8
5
.
0
0
2
1
A
0
1
B
1
4
.
9
0
9
.
9
B
0
1
C
0
7
.
9
0
2
.
0
1
C
0
1
D
4
9
.
9
4
4
.
0
1
D
1
1
1
1
Z
L
G
A
8
1
.
0
1
1
7
.
0
1
0
1
0
.
8
2
.
0
0
1
0
1
5
.
0
0
2
1
A
1
1
B
0
5
.
0
1
5
0
.
1
1
B
1
1
C
2
8
.
0
1
8
3
.
1
1
C
1
1



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com