Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

US1M Datasheet(PDF) 1 Page - Diotech Company.

Part # US1M
Description  SURFACE MOUNT ULTRA FAST RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTECH [Diotech Company.]
Direct Link  http://www.kdiode.com
Logo DIOTECH - Diotech Company.

US1M Datasheet(HTML) 1 Page - Diotech Company.

  US1M Datasheet HTML 1Page - Diotech Company. US1M Datasheet HTML 2Page - Diotech Company.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
US1A THRU US1M
SURFACE MOUNT ULTRA FAST RECTIFIER
Reverse Voltage - 50 to 1000 Volts
Forward Current - 1.0 Ampere
Case: JEDEC DO-214AC molded plastic body
Terminals: Solder plated, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight:0.003 ounce, 0.093 grams
0.004 ounce, 0.111 grams SMA(H)
The plastic package carries Underwriters Laboratory
Flammability Classification 94V-0
For surface mounted applications
Ultra fast switching for high efficiency
Low reverse leakage
Built-in strain relief,ideal for automated placement
High forward surge current capability
High temperature soldering guaranteed:
250 C/10 seconds at terminals
FEATURES
MECHANICAL DATA
Characteristic
Note:1.Reverse recovery condition IF=0.5A,IR=1.0A,Irr=0.25A
2.Measured at 1MHz and applied reverse voltage of 4.0V D.C.
3.P.C.B. mounted with 0.2x0.2”(5.0x5.0mm) copper pad areas
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
V
V
V
SYMBOLS
UNITS
A
A
V
VRRM
VRMS
VDC
I(AV)
IFSM
VF
1.0
30.0
1.3
Operating junction and storage temperature range
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward rectified current
at TL=90
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Maximum instantaneous forward voltage at 1.0A
Maximum DC reverse current
TA=25
at rated DC blocking voltage
TA=100
IR
5.0
100.0
CJ
TJ,TSTG
50.0
15.0
-65 to +150
pF
Typical thermal resistance (NOTE 3)
/W
Typical junction capacitance (NOTE 2)
Maximum reverse recovery time
(NOTE 1)
trr
50
75
ns
US1A US1B US1D US1G US1J US1K US1M
Ratings at 25 C ambient temperature unless otherwise specified.
Single phase half-wave 60Hz,resistive or inductive load,for capacitive load current derate by 20%.
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
1.0
1.7
●
●
●
●
●
●
●
R JA
µA
C
C
C
C
C
Dimensions in inches and (millimeters)
SMA(DO-214AC)
.055(1.40)
.062(1.60)
.114(2.90)
.098(2.50)
.181(4.60)
.157(4.00)
.012(.305)
.006(.152)
.002(.051)
.008(.203)
.208(5.28)
.188(4.80)
.079(2.00)
.103(2.62)
.060(1.52)
.030(0.76)


Similar Part No. - US1M

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
US1M SSE-US1M Datasheet
17Kb / 1P
SURFACE MOUNT ULTRA FAST SWITCHING RECTIFIER
logo
Diodes Incorporated
US1M DIODES-US1M Datasheet
45Kb / 2P
1.0A SURFACE MOUNT ULTRA-FAST RECTIFIER
DS16008 Rev. B1-2
logo
Fuji Electric
US1M FUJI-US1M Datasheet
770Kb / 1P
1 AMP SURFACE MOUNT GLASS FAST RECOVERY RECTIFIER
logo
Diotec Semiconductor
US1M DIOTEC-US1M Datasheet
162Kb / 2P
Ultrafast Switching Surface Mount Si-Rectifiers
logo
Weitron Technology
US1M WEITRON-US1M Datasheet
128Kb / 3P
Surface Mount Ultra Fast Rectifiers
More results

Similar Description - US1M

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UF2AF ETC2-UF2AF Datasheet
549Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
US1AF ETC2-US1AF Datasheet
525Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
GUANGDONG HOTTECH INDUS...
UF1A HOTTECH-UF1A Datasheet
220Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Shenzhen Yixinwei Techn...
US2A YIXIN-US2A_13 Datasheet
428Kb / 2P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Microdiode Semiconducto...
US2ABF CHENDA-US2ABF_V01 Datasheet
847Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3AB CHENDA-US3AB Datasheet
747Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
US3ABF CHENDA-US3ABF_V01 Datasheet
1Mb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Unisonic Technologies
US1D UTC-US1D Datasheet
141Kb / 3P
SURFACE MOUNT ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com