Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G02GD Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC2G02GD
Description  Dual 2-input NOR gate
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G02GD Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC2G02GD Datasheet HTML 1Page - NXP Semiconductors 74HC2G02GD Datasheet HTML 2Page - NXP Semiconductors 74HC2G02GD Datasheet HTML 3Page - NXP Semiconductors 74HC2G02GD Datasheet HTML 4Page - NXP Semiconductors 74HC2G02GD Datasheet HTML 5Page - NXP Semiconductors 74HC2G02GD Datasheet HTML 6Page - NXP Semiconductors 74HC2G02GD Datasheet HTML 7Page - NXP Semiconductors 74HC2G02GD Datasheet HTML 8Page - NXP Semiconductors 74HC2G02GD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
74HC_HCT2G02_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 11 May 2009
2 of 13
NXP Semiconductors
74HC2G02; 74HCT2G02
Dual 2-input NOR gate
4.
Marking
5.
Functional diagram
6.
Pinning information
6.1 Pinning
Table 2.
Marking code
Type number
Marking code
74HC2G02DP
H02
74HCT2G02DP
T02
74HC2G02DC
H02
74HCT2G02DC
T02
74HC2G02GD
H02
74HCT2G02GD
T02
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
Fig 3.
Logic diagram (one gate)
001aah780
1A
1B
1Y
2A
2B
2Y
001aah781
1
1
mna105
B
A
Y
Fig 4.
Pin configuration SOT505-2 (TSSOP8) and
SOT765-1 (VSSOP8)
Fig 5.
Pin configuration SOT996-2 (XSON8U)
74HC2G02
74HCT2G02
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aak016
1
2
3
4
6
5
8
7
001aak017
74HC2G02
74HCT2G02
Transparent top view
8
7
6
5
1
2
3
4
1A
1B
2Y
GND
VCC
1Y
2B
2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com