Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G86 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC2G86
Description  Dual 2-input exclusive-OR gate
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC2G86 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC2G86 Datasheet HTML 1Page - NXP Semiconductors 74HC2G86 Datasheet HTML 2Page - NXP Semiconductors 74HC2G86 Datasheet HTML 3Page - NXP Semiconductors 74HC2G86 Datasheet HTML 4Page - NXP Semiconductors 74HC2G86 Datasheet HTML 5Page - NXP Semiconductors 74HC2G86 Datasheet HTML 6Page - NXP Semiconductors 74HC2G86 Datasheet HTML 7Page - NXP Semiconductors 74HC2G86 Datasheet HTML 8Page - NXP Semiconductors 74HC2G86 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
74HC_HCT2G86_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 7 May 2009
2 of 14
NXP Semiconductors
74HC2G86; 74HCT2G86
Dual 2-input exclusive-OR gate
4.
Marking
5.
Functional diagram
Table 2.
Marking code
Type number
Marking code
74HC2G86DP
H86
74HCT2G86DP
T86
74HC2G86DC
H86
74HCT2G86DC
T86
74HC2G86GD
H86
74HCT2G86GD
T86
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
001aah760
1A
1B
1Y
2A
2B
2Y
001aah761
= 1
= 1
Fig 3.
Logic diagram (one gate)
mna040
Y
B
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com