Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC366PW Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC366PW
Description  Hex buffer/line driver; 3-state; inverting
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

74HC366PW Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC366PW Datasheet HTML 5Page - NXP Semiconductors 74HC366PW Datasheet HTML 6Page - NXP Semiconductors 74HC366PW Datasheet HTML 7Page - NXP Semiconductors 74HC366PW Datasheet HTML 8Page - NXP Semiconductors 74HC366PW Datasheet HTML 9Page - NXP Semiconductors 74HC366PW Datasheet HTML 10Page - NXP Semiconductors 74HC366PW Datasheet HTML 11Page - NXP Semiconductors 74HC366PW Datasheet HTML 12Page - NXP Semiconductors 74HC366PW Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
74HC_HCT366_3
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 03 — 21 November 2006
9 of 19
NXP Semiconductors
74HC366; 74HCT366
Hex buffer/line driver; 3-state; inverting
tdis
disable time
OEn to nY; see Figure 7
[3]
VCC = 2.0 V
-
55
150
ns
VCC = 4.5 V
-
20
30
ns
VCC = 6.0 V
-
16
26
ns
tt
transition time
see Figure 6
[4]
VCC = 2.0 V
-
14
60
ns
VCC = 4.5 V
-
5
12
ns
VCC = 6.0 V
-
4
10
ns
CPD
power dissipation
capacitance
per buffer; VI = GND to VCC
[5] -30
-
pF
Tamb = −40 °C to +85 °C
tpd
propagation delay
nA to nY; see Figure 6
[1]
VCC = 2.0 V
-
-
125
ns
VCC = 4.5 V
-
-
25
ns
VCC = 6.0 V
-
-
21
ns
ten
enable time
OEn to nY; see Figure 7
[2]
VCC = 2.0 V
-
-
190
ns
VCC = 4.5 V
-
-
38
ns
VCC = 6.0 V
-
-
33
ns
tdis
disable time
OEn to nY; see Figure 7
[3]
VCC = 2.0 V
-
-
190
ns
VCC = 4.5 V
-
-
38
ns
VCC = 6.0 V
-
-
33
ns
tt
transition time
see Figure 6
[4]
VCC = 2.0 V
-
-
75
ns
VCC = 4.5 V
-
-
15
ns
VCC = 6.0 V
-
-
13
ns
Tamb = −40 °C to +125 °C
tpd
propagation delay
nA to nY; see Figure 6
[1]
VCC = 2.0 V
-
-
150
ns
VCC = 4.5 V
-
-
30
ns
VCC = 6.0 V
-
-
26
ns
ten
enable time
OEn to nY; see Figure 7
[2]
VCC = 2.0 V
-
-
225
ns
VCC = 4.5 V
-
-
45
ns
VCC = 6.0 V
-
-
38
ns
tdis
disable time
OEn to nY; see Figure 7
[3]
VCC = 2.0 V
-
-
225
ns
VCC = 4.5 V
-
-
45
ns
VCC = 6.0 V
-
-
38
ns
Table 8.
Dynamic characteristics 74HC366 …continued
Voltages are referenced to GND (ground = 0 V); CL = 50 pF unless otherwise specified; see test circuit Figure 8.
Symbol Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com