Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL54X Datasheet(PDF) 21 Page - Micronas

Part # HAL54X
Description  Hall-Effect Sensor Family
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL54X Datasheet(HTML) 21 Page - Micronas

Back Button HAL54X Datasheet HTML 17Page - Micronas HAL54X Datasheet HTML 18Page - Micronas HAL54X Datasheet HTML 19Page - Micronas HAL54X Datasheet HTML 20Page - Micronas HAL54X Datasheet HTML 21Page - Micronas HAL54X Datasheet HTML 22Page - Micronas HAL54X Datasheet HTML 23Page - Micronas HAL54X Datasheet HTML 24Page - Micronas HAL54X Datasheet HTML 25Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
DATA SHEET
HAL543
Micronas
Feb. 12, 2009; DSH000023_003EN
21
4.2. HAL543
The HAL543 is the most insensitive unipolar sensor of
this family (see Fig. 4–4).
The output turns low with the magnetic south pole on
the branded side of the package and turns high if the
magnetic field is removed. The sensor does not
respond to the magnetic north pole on the branded
side.
Magnetic Features:
– switching type: unipolar
– low sensitivity
–typical BON: 27 mT at room temperature
–typical BOFF: 21 mT at room temperature
– operates with static magnetic fields and dynamic
magnetic fields up to 10 kHz
– points is
−1000 ppm/K
Applications
The HAL543 is the optimal sensor for applications with
unipolar magnetic signals and large magnetic ampli-
tude at the sensor position such as:
– position and end-point detection,
– contactless solution to replace microswitches,
– rotating speed measurement.
Fig. 4–4: Definition of magnetic switching points for
the HAL543
Magnetic Characteristics at TJ = −40 °C to +140 °C, VDD = 4.3V to 24 V,
Typical Characteristics for VDD = 12 V
Magnetic flux density values of switching points.
Positive flux density values refer to the magnetic south pole at the branded side of the package.
The hysteresis is the difference between the switching points BHYS = BON − BOFF
The magnetic offset is the mean value of the switching points BOFFSET = (BON + BOFF) / 2
BOFF
BON
0
VOL
VO
Output Voltage
B
BHYS
Parameter
On point BON
Off point BOFF
Hysteresis BHYS
Magnetic Offset
Unit
TJ
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
Min.
Typ.
Max.
−40 °C
21
27331521
274
6
8
−
24
−
mT
25
°C
21
27331521
274
6
8
18
24
30
mT
100
°C
21
27331521
274
6
8
−
24
−
mT
140
°C
21
27331521
274
5.5
8
−
24
−
mT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com