Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL401 Datasheet(PDF) 17 Page - Micronas

Part # HAL401
Description  Linear Hall-Effect Sensor IC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL401 Datasheet(HTML) 17 Page - Micronas

Back Button HAL401 Datasheet HTML 12Page - Micronas HAL401 Datasheet HTML 13Page - Micronas HAL401 Datasheet HTML 14Page - Micronas HAL401 Datasheet HTML 15Page - Micronas HAL401 Datasheet HTML 16Page - Micronas HAL401 Datasheet HTML 17Page - Micronas HAL401 Datasheet HTML 18Page - Micronas HAL401 Datasheet HTML 19Page - Micronas HAL401 Datasheet HTML 20Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 17 / 20 page
background image
HAL401
DATA SHEET
17
Micronas
0
20
40
60
80
100
120
140
160
180
200
–50 –25
0
25
50
75 100 125 150
°C
Ω
TA
ROUT
B = 0 mT
Fig. 3–24: Typical dynamic differential
output resistance versus temperature
VDD = 4.8 V
VDD = 6.0 V
VDD = 12 V
–40
–30
–20
–10
0
10
20
10
100
1000
10000
100000
dB
fB
sB
TA = 25 °C
0 dB = 42.5 mV/mT
10
100
1 k
10 k
100 k
Fig. 3–25: Typical magnetic frequency
response
–150
–140
–130
–120
–110
–100
0.1
1.0 10.0 100.01000.0
10000.0
100000.0
1000000.0
f
nmeff
TA = 25 °C
0.1
1
10
100
1k
10k 100k 1M Hz
Fig. 3–26: Typical magnetic noise spectrum
dBTrms
Hz
B = 0 mT
B = 65 mT
83 nT
Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com