Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL700 Datasheet(PDF) 17 Page - Micronas

Part # HAL700
Description  Dual Hall-Effect Sensors with Independent Outputs
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL700 Datasheet(HTML) 17 Page - Micronas

Back Button HAL700 Datasheet HTML 13Page - Micronas HAL700 Datasheet HTML 14Page - Micronas HAL700 Datasheet HTML 15Page - Micronas HAL700 Datasheet HTML 16Page - Micronas HAL700 Datasheet HTML 17Page - Micronas HAL700 Datasheet HTML 18Page - Micronas HAL700 Datasheet HTML 19Page - Micronas HAL700 Datasheet HTML 20Page - Micronas HAL700 Datasheet HTML 21Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
DATA SHEET
HAL700
Micronas
Nov. 30, 2009; DSH000029_002EN
17
−20
−15
−10
−5
0
5
10
15
20
0
5
10
15
20
25
30 V
mT
VDD
BON
BOFF
TA = −40 °C
TA = 25 °C
TA = 140 °C
TA =100 °C
HAL 700
BON
BOFF
Fig. 4–2: Magnetic switching points
versus supply voltage
−20
−15
−10
−5
0
5
10
15
20
3
3.5
4.0
4.5
5.0
5.5
6.0 V
mT
VDD
BON
BOFF
HAL 700
BON
BOFF
TA = −40 °C
TA = 25 °C
TA = 140 °C
TA = 100 °C
Fig. 4–3: Magnetic switching points
versus supply voltage
−25
−20
−15
−10
−5
0
5
10
15
20
25
−50
0
50
100
150
°C
mT
TA, TJ
BON
BOFF
BONmax
BONtyp
BONmin
BOFFmax
BOFFtyp
BOFFmin
HAL 700
VDD = 3.8 V
VDD = 4.5 V... 24 V
Fig. 4–4: Magnetic switching points
versus ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com