Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL730 Datasheet(PDF) 10 Page - Micronas

Part # HAL730
Description  Hall-Effect Sensors with Direction Detection
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL730 Datasheet(HTML) 10 Page - Micronas

Back Button HAL730 Datasheet HTML 6Page - Micronas HAL730 Datasheet HTML 7Page - Micronas HAL730 Datasheet HTML 8Page - Micronas HAL730 Datasheet HTML 9Page - Micronas HAL730 Datasheet HTML 10Page - Micronas HAL730 Datasheet HTML 11Page - Micronas HAL730 Datasheet HTML 12Page - Micronas HAL730 Datasheet HTML 13Page - Micronas HAL730 Datasheet HTML 14Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
HAL 710, HAL 730
DATA SHEET
10
Oct. 13, 2009; DSH000031_002EN
Micronas
3.2. Dimensions of Sensitive Area
0.25 mm
× 0.12 mm
3.3. Positions of Sensitive Areas
3.4. Absolute Maximum Ratings
Stresses beyond those listed in the “Absolute Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only. Functional operation of the device at these conditions is not implied. Exposure to absolute
maximum rating conditions for extended periods will affect device reliability.
This device contains circuitry to protect the inputs and outputs against damage due to high static voltages or electric
fields; however, it is advised that normal precautions be taken to avoid application of any voltage higher than abso-
lute maximum-rated voltages to this high-impedance circuit.
All voltages listed are referenced to ground (GND).
3.4.1. Storage and Shelf Life
The permissible storage time (shelf life) of the sensors is unlimited, provided the sensors are stored at a maximum of
30 °C and a maximum of 85% relative humidity. At these conditions, no Dry Pack is required.
Solderability is guaranteed for one year from the date code on the package.
3.5. Recommended Operating Conditions
Functional operation of the device beyond those indicated in the “Recommended Operating Conditions” of this spec-
ification is not implied, may result in unpredictable behavior of the device and may reduce reliability and lifetime.
All voltages listed are referenced to ground (GND).
SOT89B-2
x1 + x2
(2.35
±0.001) mm
x1 = x2
1.175 mm
y0.975 mm
Symbol
Parameter
Pin No.
Min.
Max.
Unit
VDD
Supply Voltage
1
−15
281)
V
VO
Output Voltage
2, 3
−0.3
281)
V
IO
Continuous Output Current
2, 3
−
201)
mA
TJ
Junction Temperature Range
−40
170
°C
1) as long as T
Jmax is not exceeded
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
1
3.8
−
24
V
IO
Continuous Output Current
30
−
10
mA
VO
Output Voltage (output switch off)
30
−
24
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com