Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL810 Datasheet(PDF) 30 Page - Micronas

Part # HAL810
Description  Programmable Linear Hall-Effect Sensor
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL810 Datasheet(HTML) 30 Page - Micronas

Back Button HAL810 Datasheet HTML 22Page - Micronas HAL810 Datasheet HTML 23Page - Micronas HAL810 Datasheet HTML 24Page - Micronas HAL810 Datasheet HTML 25Page - Micronas HAL810 Datasheet HTML 26Page - Micronas HAL810 Datasheet HTML 27Page - Micronas HAL810 Datasheet HTML 28Page - Micronas HAL810 Datasheet HTML 29Page - Micronas HAL810 Datasheet HTML 30Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 30 / 30 page
background image
HAL810
DATA SHEET
30
Feb. 6, 2009; DSH000034_003EN
Micronas
Micronas GmbH
Hans-Bunte-Strasse 19
⋅ D-79108 Freiburg ⋅ P.O. Box 840 ⋅ D-79008 Freiburg, Germany
Tel. +49-761-517-0
⋅ Fax +49-761-517-2174 ⋅ E-mail: docservice@micronas.com ⋅ Internet: www.micronas.com
6. Data Sheet History
1. Data Sheet: “HAL 810 Programmable Linear Hall
Effect Sensor”, Aug. 16, 2002, 6251-536-1DS. First
release of the data sheet.
2. Data Sheet: “HAL 810 Programmable Linear Hall
Effect Sensor”, Nov. 22, 2002, 6251-536-2DS. Sec-
ond release of the data sheet. Major changes:
– Fig. 2–3: Diagram “Details of EEPROM and Digital
Signal Processing” changed
– Fig. 2–5: Diagram “Example for output characteris-
tics” changed
– DCOQ register programmable from
−100% to 100%
in steps of 0.0976%
– Clamping function: minimum duty cycle programma-
ble between 0% and 50% in steps of 0.0488%, max-
imum duty cycle programmable between 0% and
100% in steps of 0.0488%
– Changes in Register Information.
3. Data Sheet: “HAL 810 Programmable Linear Hall
Effect Sensor”, June 24, 2004, 6251-536-3DS. Third
release of the data sheet. Major changes:
– new package diagram for TO92UT-1
– package diagram for TO92UT-2 added
– ammopack diagrams for TO92UT-1/-2 added
– Section 4.2. "Measurement of a PWM Output Sig-
nal" added
4. Data Sheet: “HAL810 Programmable Linear Hall-
Effect Sensor”, Feb. 6, 2009, DSH000034_003EN.
Fourth release of the data sheet. Major changes:
– Section 3.1. "Outline Dimensions" updated
– Section 3.3. "Positions of Sensitive Areas" updated
– Section 3.5. "Recommended Operating Conditions"
updated
– Section 3.6. "Characteristics" updated
– Section 4.1. "Application Circuit" updated
– Section 4.5. "Ambient Temperature" updated
5. Data Sheet: “HAL 810 Programmable Linear Hall-
Effect Sensor”, Feb. 6, 2009, DSH000034_003EN.
Fifth release of the data sheet. Major changes:
– package outline dimension diagram updated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com