Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL856 Datasheet(PDF) 22 Page - Micronas

Part # HAL856
Description  Programmable Linear Hall-Effect Sensor with Arbitrary Output Characteristic (2-Wire)
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

HAL856 Datasheet(HTML) 22 Page - Micronas

Back Button HAL856 Datasheet HTML 18Page - Micronas HAL856 Datasheet HTML 19Page - Micronas HAL856 Datasheet HTML 20Page - Micronas HAL856 Datasheet HTML 21Page - Micronas HAL856 Datasheet HTML 22Page - Micronas HAL856 Datasheet HTML 23Page - Micronas HAL856 Datasheet HTML 24Page - Micronas HAL856 Datasheet HTML 25Page - Micronas HAL856 Datasheet HTML 26Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 42 page
background image
HAL856
DATA SHEET
22
March 23, 2010; DSH000142_002EN
Micronas
3.4.1. Storage and Shelf Life
The permissible storage time (shelf life) of the sensors is unlimited, provided the sensors are stored at a maximum of
30 °C and a maximum of 85% relative humidity. At these conditions, no Dry Pack is required.
Solderability is guaranteed for one year from the date code on the package.
3.5. Recommended Operating Conditions
Functional operation of the device beyond those indicated in the “Recommended Operating Conditions/Characteris-
tics” is not implied and may result in unpredictable behavior of the device and may reduce reliability and lifetime.
All voltages listed are referenced to ground (GND).
3.5.1. Power Diagram
Due to the current source interface and the sensor’s power dissipation, it is not possible to use all current level and
supply voltage combinations over the full temperature range. Fig. 3–5 to Fig. 3–7 describe the possible ambient tem-
perature, supply voltage, and current level combinations for different thermal resistance values. To enable usage of
the sensor at high ambient temperatures, it is necessary to have a very good thermal coupling of the sensors and
the module. It is also necessary to select low values for the high current level.
Fig. 3–5: Power chart for Rth = 200 k/W (TJmax = 170 °C)
Symbol
Parameter
Pin No.
Min.
Typ.
Max.
Unit
Remarks
VDD
Supply Voltage
1
4.5
5
5.5
V
VDD
Battery Supply Voltage
1
8
6
12
12
18
18
VTJ >125°C,
RP + RSENSE = 150 Ω
TJ <125°C,
RP + RSENSE = 150 Ω
VDDrt
Slowest rise time of VDD to
reach VDD,min at the sensor
for correct power-up
1
−
−
−
−
10
1
ms
ms
TJ < 125°C
TJ >125°C
CP
Protection Capacitance
1,2
4.7
4.7
1000
nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com